Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181CBSTZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7181CBSTZ
Description  10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181CBSTZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7181CBSTZ Datasheet HTML 9Page - Analog Devices ADV7181CBSTZ Datasheet HTML 10Page - Analog Devices ADV7181CBSTZ Datasheet HTML 11Page - Analog Devices ADV7181CBSTZ Datasheet HTML 12Page - Analog Devices ADV7181CBSTZ Datasheet HTML 13Page - Analog Devices ADV7181CBSTZ Datasheet HTML 14Page - Analog Devices ADV7181CBSTZ Datasheet HTML 15Page - Analog Devices ADV7181CBSTZ Datasheet HTML 16Page - Analog Devices ADV7181CBSTZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADV7181C
Rev. E | Page 13 of 20
COMPONENT VIDEO PROCESSING
Component video processing supports formats including 525i,
625i, 525p, 625p, 720p, 1080i, and many other HDTV formats,
as well as automatic adjustments that include gain (contrast)
and offset (brightness), and manual adjustment controls. Other
features supported by component video processing are
•
Analog component YPrPb/RGB video formats with
embedded synchronization or with separate HS, VS, or CS
•
Color space conversion matrix to support YCrCb-to-DDR
RGB and RGB-to-YCrCb conversions
•
Standard identification (STDI) enables system level
component format detection
•
Synchronization source polarity detector (SSPD) to determine
the source and polarity of the synchronization signals that
accompany the input video
•
Certified Macrovision copy protection detection on
component formats (525i, 625i, 525p, and 625p)
•
Free-run output mode to provide stable timing when no
video input is present
•
Arbitrary pixel sampling support for nonstandard video
sources
RGB GRAPHICS PROCESSING
RGB graphics processing offers a 110 MSPS conversion rate
that supports RGB input resolutions up to 1024 × 768 at 70 Hz
(XGA), automatic or manual clamp and gain controls for
graphics modes, and contrast and brightness controls. Other
features include
•
32-phase DLL to allow optimum pixel clock sampling
•
Automatic detection of synchronization source and
polarity by SSPD block
•
Standard identification enabled by the STDI block
•
RGB that can be color space converted to YCrCb and
decimated to a 4:2:2 format for video centric back-end
IC interfacing
•
Data enable (DE) output signal supplied for direct
connection to HDMI/DVI Tx IC
•
Arbitrary pixel sampling support for nonstandard
video sources
•
RGB graphics supported on 12-bit DDR format
GENERAL FEATURES
General features of the ADV7181C include HS/CS, VS, and
FIELD/DE output signals with programmable position, polarity,
and width as well as a programmable interrupt request output
pin, INT, that signals SDP/CP status changes. Other features are
•
Low power consumption: 1.8 V digital core, 3.3 V analog
and digital I/O, low power, power-down mode, and green
PC mode
•
Industrial temperature range of −40°C to +85°C
•
64-lead, 10 mm × 10 mm, Pb-free LQFP
•
3.3 V ADCs giving enhanced dynamic range and
performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com