Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181CBSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADV7181CBSTZ
Description  10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181CBSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV7181CBSTZ Datasheet HTML 12Page - Analog Devices ADV7181CBSTZ Datasheet HTML 13Page - Analog Devices ADV7181CBSTZ Datasheet HTML 14Page - Analog Devices ADV7181CBSTZ Datasheet HTML 15Page - Analog Devices ADV7181CBSTZ Datasheet HTML 16Page - Analog Devices ADV7181CBSTZ Datasheet HTML 17Page - Analog Devices ADV7181CBSTZ Datasheet HTML 18Page - Analog Devices ADV7181CBSTZ Datasheet HTML 19Page - Analog Devices ADV7181CBSTZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADV7181C
Data Sheet
Rev. E | Page 16 of 20
On the ADV7181C, it is recommended to use the ADC mapping shown in Table 8.
Table 8. Recommended ADC Mapping
Mode
Required ADC Mapping
AIN Channel
Core
Configuration1
CVBS
ADC0
CVBS = A
IN1
SD
INSEL[3:0] = 0000
SDM_SEL[1:0] = 00
PRIM_MODE[3:0] = 0000
VID_STD[3:0] = 0010
YC/YC auto
Y = ADC0
Y = A
IN2
SD
INSEL[3:0] = 0000
C = ADC1
C = A
IN3
SDM_SEL[1:0] = 11
PRIM_MODE[3:0] = 0000
VID_STD[3:0] = 0010
Component YUV
Y = ADC0
Y = A
IN6
SD
INSEL[3:0] = 1001
U = ADC2
U = A
IN4
SDM_SEL[1:0] = 00
V = ADC1
V = A
IN5
PRIM_MODE[3:0] = 0000
VID_STD[3:0] = 0010
Component YUV
Y = ADC0
Y = A
IN6
CP
INSEL[3:0] = 0000
U = ADC2
U = A
IN4
SDM_SEL[1:0] = 00
V = ADC1
V = A
IN5
PRIM_MODE[3:0] = 0000
VID_STD[3:0] = 1010
SCART RGB
CBVS = ADC0
CVBS = A
IN2
SD
INSEL[3:0] = 0000
G = ADC1
G = A
IN6
SDM_SEL[1:0] = 00
B = ADC3
B = A
IN4
PRIM_MODE[3:0] = 0000
R = ADC2
R = A
IN5
VID_STD[3:0] = 0010
Graphics
G = ADC0
G = A
IN6
CP
INSEL[3:0] = 0000
RGB Mode
B = ADC2
B = A
IN4
SDM_SEL[1:0] = 00
R = ADC1
R = A
IN5
PRIM_MODE[3:0] = 0001
VID_STD[3:0] = 1100
1 Configuration to format follow-on blocks in correct format.
Table 9. Manual MUX Settings for All ADCs
ADC_SWITCH_MAN to 1
ADC0_SW_SEL[3:0]
ADC0
Connection ADC1_SW_SEL[3:0]
ADC1
Connection ADC2_SW_SEL[3:0]
ADC2
Connection ADC3_SW_SEL[3:0]
ADC3
Connection
0001
A
IN1
0001
N/A
0001
N/A
0001
N/A
0010
A
IN2
0010
N/A
0010
A
IN2
0010
N/A
0100
A
IN4
0100
A
IN4
0100
A
IN4
0100
A
IN4
0101
A
IN5
0101
A
IN5
0101
A
IN5
0101
N/A
0110
A
IN6
0110
A
IN6
0110
A
IN6
0110
N/A
1100
A
IN3
1100
A
IN3
1100
N/A
1100
N/A
The analog input muxes of the ADV7181C must be controlled
directly. This is referred to as manual input muxing. The manual
muxing is activated by setting the ADC_SWITCH_MAN bit
(see Table 9). It affects only the analog switches in front of the
ADCs. INSEL, SDM_SEL, PRIM_MODE, and VID_STD still
have to be set so that the follow-on blocks process the video
data in the correct format.
Not every input pin can be routed to any ADC. There are
restrictions in the channel routing imposed by the analog signal
routing inside the IC. See Table 9 for an overview of the routing
capabilities inside the chip. The four mux sections can be
controlled by the reserved control signal buses ADC0_SW[3:0]/
ADC1_SW[3:0]/ADC2_SW[3:0]/ADC3_SW[3:0].
Table 9 explains the ADC mapping configuration for the following:
•
ADC_SW_MAN_EN, manual input muxing enable,
IO map, Address C4[7]
•
ADC0_SW[3:0], ADC0 mux configuration, IO map,
Address C3[3:0]
•
ADC1_SW[3:0], ADC1 mux configuration, IO map,
Address C3[7:4]
•
ADC2_SW[3:0], ADC2 mux configuration, IO map,
Address C4[3:0]
•
ADC3_SW[3:0], ADC3 mux configuration, IO map,
Address F3[7:4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com