Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181CBSTZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADV7181CBSTZ
Description  10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181CBSTZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADV7181CBSTZ Datasheet HTML 8Page - Analog Devices ADV7181CBSTZ Datasheet HTML 9Page - Analog Devices ADV7181CBSTZ Datasheet HTML 10Page - Analog Devices ADV7181CBSTZ Datasheet HTML 11Page - Analog Devices ADV7181CBSTZ Datasheet HTML 12Page - Analog Devices ADV7181CBSTZ Datasheet HTML 13Page - Analog Devices ADV7181CBSTZ Datasheet HTML 14Page - Analog Devices ADV7181CBSTZ Datasheet HTML 15Page - Analog Devices ADV7181CBSTZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADV7181C
Data Sheet
Rev. E | Page 12 of 20
DETAILED FUNCTIONALITY
ANALOG FRONT END
The analog front-end section contains four high quality 10-bit
ADCs, and the six analog input channel mux enables multisource
connection without the requirement of an external mux. It also
contains
•
Four current and voltage clamp control loops to ensure
that any dc offsets are removed from the video signal
•
SCART functionality and SD RGB overlay on CVBS that
are controlled by fast blank input
•
Four internal antialias filters to remove out-of-band noise
on standard definition input video signals
SDP PIXEL DATA OUTPUT MODES
The SDP pixel data output modes are the following:
•
8-/10-bit ITU-R BT.656 4:2:2 YCrCb with embedded time
codes and/or HS, VS, and FIELD
•
16-/20-bit YCrCb with embedded time codes and/or HS,
VS, and FIELD
CP PIXEL DATA OUTPUT MODES
CP pixel data output modes include single data rate (SDR) and
double data rate (DDR) as follows:
•
SDR 8-/10-bit 4:2:2 YCrCb for 525i, 625i
•
SDR 16-/20-bit 4:2:2 YCrCb for all standards
•
DDR 8-/10-bit 4:2:2 YCrCb for all standards
•
DDR 12-bit 4:4:4 RGB for graphics inputs
COMPOSITE AND S-VIDEO PROCESSING
Composite and S-Video processing features offer support for
NTSC M/J, NTSC 4.43, PAL B/D/I/G/H, PAL60, PAL M, PAL N,
and SECAM (B, D, G, K, and L) standards in the form of CVBS
and S-Video as well as super-adaptive, 2D, 5-line comb filters
for NTSC and PAL give superior chrominance and luminance
separation for composite video. They also include full automatic
detection and autoswitching of all worldwide standards (PAL,
NTSC, and SECAM) and automatic gain control with white
peak mode to ensure the video is always processed without loss
of the video processing range. Other features are
•
Adaptive Digital Line Length Tracking (ADLLT™)
•
Proprietary architecture for locking to weak, noisy, and
unstable sources from VCRs and tuners
•
IF filter block to compensate for high frequency luma
attenuation due to tuner SAW filter
•
Chroma transient improvement (CTI)
•
Luminance digital noise reduction (DNR)
•
Color controls including hue, brightness, saturation,
contrast, and Cr and Cb offset controls
•
Certified Macrovision® copy protection detection on
composite and S-Video for all worldwide formats
(PAL/NTSC/SECAM)
•
4× oversampling (54 MHz) for CVBS, S-Video, and
YUV modes
•
Line-locked clock output (LLC)
•
Letterbox detection support
•
Free-run output mode to provide stable timing when no
video input is present
•
Vertical blanking interval data processor, including teletext,
video programming system (VPS), vertical interval time
codes (VITC), closed captioning (CC) and extended data
service (EDS), wide screen signaling (WSS), copy generation
management system (CGMS), and compatibility with
GemStar™ 1×/2× electronic program guide
•
Clocked from a single 28.63636 MHz crystal
•
Subcarrier frequency lock (SFL) output for downstream
video encoder
•
Differential gain typically 0.5%
•
Differential phase typically 0.5°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com