Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERC816 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SERC816
Description  SERCOS INTERFACE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERC816 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SERC816 Datasheet HTML 3Page - STMicroelectronics SERC816 Datasheet HTML 4Page - STMicroelectronics SERC816 Datasheet HTML 5Page - STMicroelectronics SERC816 Datasheet HTML 6Page - STMicroelectronics SERC816 Datasheet HTML 7Page - STMicroelectronics SERC816 Datasheet HTML 8Page - STMicroelectronics SERC816 Datasheet HTML 9Page - STMicroelectronics SERC816 Datasheet HTML 10Page - STMicroelectronics SERC816 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
SERCON816
3
ELECTRICAL (DC AND AC) CHARACTERISTICS
3.1 Absolute Maximum Ratings
WDOGN
24
O
Watchdog output (active low)
L_ERRN
32
O
Line error, active low: goes low when signal distortion is too high or when the
receive signal is missing. The operating mode is programmed by the
processor.
CYC_CLK
34
I
SERCOS interface cycle clock: CYC_CLK synchronizes the communication
cycles. The polarity is programmable.
CON_CLK
35
O
Control clock: becomes active within a communication cycle. Time, polarity
and width are programmable.
DIV_CLK
36
O
Divided control clock: becomes active several times within a communication
cycle or once in several communication cycles. Number of pulses, start time,
repetition rate and polarity are programmable, the pulse width is 1
µs.
SCLK
2
I
Serial clock for clock regeneration: the maximum frequency is 64 MHz.
SCLKO2
6
O
Clock output: outputs the SCLK clock divided by 2 or 1.
SCLKO4
5
O
Clock output: outputs the SCLK clock divided by 4 or 2.
MCLK
4
I
Master clock for telegram processing and timing control, frequency 12 to 64
MHz.
RSTN
10
I
Reset, active low. Must be zero for at least 50 ns after power on.
TEST
7
I
Test, active high. Has to be tied to VSS.
OUTZ
11
I
Puts outputs into high impedance state, active high: OUTZ is 1 puts all pins
into a high impedance state. The clocks are turned off and the circuit is reset.
For the in-circuit test and for turning on the power-down mode.
NDTRO
9
O
NAND tree output. For the test at the semiconductor manufacturers and for
the connection test after board production. NDTRO is not set to a high
impedance state.
VSS
3,15,23,33
,42,50,60,
70,81,91
Ground pins:
VDD
1,8,19,27,
37,55,65,
76,86
Power supply +5 V ± 5%.
Symbol
Parameter
Value
Unit
VDD
Supply voltage
-0.5 to 6.5
V
VI
Input voltage
-0.5 to VDD + 0.5
V
VO
Output voltage
-0.5 to VDD + 0.5
V
TSTG
Storage temperature
-55 to +150
°C
Table 1. SERCON816 I/O Port Function Summary (continued)
Signal(s)
Pin(s)
IO
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com