Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERC816 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SERC816
Description  SERCOS INTERFACE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERC816 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SERC816 Datasheet HTML 5Page - STMicroelectronics SERC816 Datasheet HTML 6Page - STMicroelectronics SERC816 Datasheet HTML 7Page - STMicroelectronics SERC816 Datasheet HTML 8Page - STMicroelectronics SERC816 Datasheet HTML 9Page - STMicroelectronics SERC816 Datasheet HTML 10Page - STMicroelectronics SERC816 Datasheet HTML 11Page - STMicroelectronics SERC816 Datasheet HTML 12Page - STMicroelectronics SERC816 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
SERCON816
Notes: 1. estimated
3.4.1 Power Dissipation Considerations
Most of the current consumed by CMOS devices is alternate current (AC) which is charging and discharg-
ing the capacitances of the pins and internal nodes. The current consumption rises with the frequency at
which the pins and internal nodes will toggle and with the capacitances connected to the pins of the device:
P = f · C · V2 (C=capacitance, V=voltage, f=frequency)
For applications which require low power consumption or exceeds the maximum allowed power consump-
tion the following is required:
– Connect unused pins to pull-up or pull-down resistors
– Minimize the capacitive load on the pins
– Reduce clock frequency of SCLK and MCLK
– Minimize accesses to the internal RAM and control registers
The maximum allowed power consumption is limited by the maximum allowed chip junction temperature
and by the number of VCC/VDD pins. The chip junction temperature is influenced by the ambient temper-
ature and the package thermal resistance. The ambient temperature could be influenced by the applica-
tion through a good temperature management like heat sinks or ambient air cooling.
VOL
Low level output voltage, pins
TXD6-1, L_ERRN
IOI = -8 mA
0.4
V
VOH
High level output voltage, pins
TXD6-1, L_ERRN
IOH = +8 mA
2.4
IOZ
Tri-state output leakage
VO = 0 V or VDD
1
µA
IKLU
I/O latch-up current
V<VSS V>VDD
200
mA
VESD
Electrostatic protection
Leakage < 1 µA, human body
model
2000
V
CPIN
Pin capacitance
10
pF
3.4 Power Dissipation
(VDD = 5V ± 5% Tamb = -40 °C to +85 °C, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
PD
Power dissipation
16 Mbaud, MCLK=64 MHz
8501
mW
PDA
Maximum allowed power
dissipation
TA=+85°, no air flow
1000
mW
3.3 ELECTRICAL CHARACTERISTCS (continued)
(VDD = 5V ± 5% Tamb = -40 °C to +85 °C, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com