Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERC816 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SERC816
Description  SERCOS INTERFACE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERC816 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SERC816 Datasheet HTML 6Page - STMicroelectronics SERC816 Datasheet HTML 7Page - STMicroelectronics SERC816 Datasheet HTML 8Page - STMicroelectronics SERC816 Datasheet HTML 9Page - STMicroelectronics SERC816 Datasheet HTML 10Page - STMicroelectronics SERC816 Datasheet HTML 11Page - STMicroelectronics SERC816 Datasheet HTML 12Page - STMicroelectronics SERC816 Datasheet HTML 13Page - STMicroelectronics SERC816 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SERCON816
10/23
Typical current consumption: measured at 5V (VCC/VDD) and 25°C
3.5 AC Electrical Characteristics
(Cload = 50 pF, VDD = 5 V ± 5% Tamb = -40 °C to +85 °C)
3.5.1 Clock Input MCLK
Figure 5. Timing of clock MCLK and related outputs
Mode
fSCLK (MHz)
fMCLK (MHz)
Current (mA)
410B
64
32
30
816
64
32
80
Symbol
Parameter
Min.
Typ.
Max.
Unit
fMCLK
Clock frequency MCLK
12
64
MHz
tMCLK0
MCLK low
6
ns
tMCLK1
MCLK high
6
ns
tMCLD
Output delay rising edge MCLK to DMAREQR/T, CON_CLK,
DIV_CLK
20
ns
fMCLK
Baudrate 2 Mbit/s
12
64
MHz
fMCLK
Baudrate 4 Mbit/s
12
64
MHz
MCLK
1 / fMCLK
tMCLK0
tMCLD
tMCLK1
DMAREQR/T
CON_CLK,
DIV_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com