Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERC816 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SERC816
Description  SERCOS INTERFACE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERC816 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SERC816 Datasheet HTML 11Page - STMicroelectronics SERC816 Datasheet HTML 12Page - STMicroelectronics SERC816 Datasheet HTML 13Page - STMicroelectronics SERC816 Datasheet HTML 14Page - STMicroelectronics SERC816 Datasheet HTML 15Page - STMicroelectronics SERC816 Datasheet HTML 16Page - STMicroelectronics SERC816 Datasheet HTML 17Page - STMicroelectronics SERC816 Datasheet HTML 18Page - STMicroelectronics SERC816 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15/23
SERCON816
3.5.7 Write Access to DUAL Port RAM
Figure 11. Write Access to DUAL Port RAM
Notes: 1. Setup time input signals to falling edge WRN (Intel mode) or RDN (Motorola mode with low active strobe) or rising edge RDN (Mo-
torola mode with high active strobe)
Symbol
Parameter
Min.
Typ.
Max.
Unit
tASU
Setup time A11-0, (Note 1)
10
ns
Setup time MCSN0-1, if both signals are activated
simultaneously. (Note 1)
5ns
Setup time MCSN0-1, if one of these both signals is activated
10 ns earlier. (Note 1)
0
Setup time BHEN, WRN (only Motorola mode), (Note 1)
0
ns
tAHD
hold time A11-0, BHEN, MCSN0-1, WRN (only Motorola
mode) to rising edge of WRN (Intel mode) or RDN (Motorola
mode with low active strobe) or falling edge RDN (Motorola
mode with high active strobe)
0ns
tMWRW
Pulse width WRN or RDN
20
ns
tDSU
Setup time D15-0 to end of write access
10
ns
tDHD
Hold time D15-0 after end of write access
5
ns
tMBSY
Delay WRN or RDN (begin of write access) to BUSYN low
15
ns
tMBHWH
Setup time BUSYN high to end of write access
15
ns
tWR1
WRN and RDN high after end of write access
15
ns
A10-0, BHEN,
MCSN0-1,
WRN (Motorola mode)
WRN (Intel mode)
RDN (Motorola mode)
D15-0
BUSYN
tMBSY
tMBHWH
tMWRW
tDSU
tDHD
tWR1
tASU
tAHD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com