Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERC816 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SERC816
Description  SERCOS INTERFACE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERC816 Datasheet(HTML) 3 Page - STMicroelectronics

  SERC816 Datasheet HTML 1Page - STMicroelectronics SERC816 Datasheet HTML 2Page - STMicroelectronics SERC816 Datasheet HTML 3Page - STMicroelectronics SERC816 Datasheet HTML 4Page - STMicroelectronics SERC816 Datasheet HTML 5Page - STMicroelectronics SERC816 Datasheet HTML 6Page - STMicroelectronics SERC816 Datasheet HTML 7Page - STMicroelectronics SERC816 Datasheet HTML 8Page - STMicroelectronics SERC816 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
SERCON816
1
GENERAL DESCRIPTION
The SERCOS interface controller SERCON816 is an integrated circuit for SERCOS interface communication
systems. The SERCOS interface is a digital interface for communication between systems which have to ex-
change information cyclically at short, fixed intervals (62,5 s to 65 ms). It is appropriate for the synchronous
operation of distributed control or test equipment (e.g. connection between drives and numeric control).
A SERCOS interface communication system consists of one master and several slaves. These units are
connected by a fiber optical ring. This ring starts and ends at the master. The slaves regenerate and repeat
their received data or send their own telegrams. By this method the telegrams sent by the master are re-
ceived by all slaves while the master receives data telegrams from the slaves. The optical fiber assures a
reliable high-speed data transmission with excellent noise immunity.
The SERCOS interface controller contains all the hardware-related functions of the SERCOS interface and
considerably reduces the hardware costs and the computing time requirements of the microprocessor. It is
the direct link between the electro-optical receiver and transmitter and the microprocessor that executes the
control algorithms. The SERCON816 can be used both for SERCOS interface masters and slaves.
The circuit contains the following functions (Fig. 1):
– Interface to the microprocessor with a data bus width of 8 or 16 bits and with control lines according to
Intel or Motorola standards.
– A serial interface for making a direct connection with the optical receiver and transmitter of the fiber optic ring
or with drivers to an electric ring or bus. Data and clock regeneration, the repeater for ring topologies and the
serial transmitter and receiver are integrated. The signals are monitored and test signals generated. The se-
rial interface operates up to 16 Mbaud without external circuitry.
– A dual port RAM (2048 * 16 bit) for control and communication data. The organization of the memory is flexible.
– Telegram processing for automatic transmission and monitoring of synchronous and data telegrams. Only
transmission data which is intended for the particular interface user is processed. The transmitted data is ei-
ther stored in the internal RAM (single or double buffer) or transferred via direct memory access (DMA). The
transmission of service channel information over several communication cycles is executed automatically.
In addition to the SERCOS interface the SERCON816 can also be used for other real-time communica-
tions tasks. As an alternative to the fiber optical ring also bus topologies with RS-485 signals are supported
(Fig. 4). The SERCON816 is therefore suitable for a wide range of applications.
Remark: The SERCON816 is based on the former SERCON410B SERCOS interface controller.
Figure 2. SERCON816 Pin Configuration
SERCON816
VSS 81
D11
D10
D9
D8 85
VDD
D7
D6
D5
D4 90
VSS
D3
D2
D1
D0 95
ADMUX
BUSMODE0
BUSMODE1
BUSWIDTH
BYTDIR 100
50 VSS
PCS1
PCSN0
MCSN1
MCSN0
45 BUSYN
INT0
INT1
VSS
DMAACKTN
40 DMAACKRN
DMAREQT
DMAREQR
VDD
DIV_CLK
35 CON_CLK
CYC_CLK
VSS
L_ERRN
31 TM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com