Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320KCPZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 22Page - Analog Devices ADATE320KCPZ Datasheet HTML 23Page - Analog Devices ADATE320KCPZ Datasheet HTML 24Page - Analog Devices ADATE320KCPZ Datasheet HTML 25Page - Analog Devices ADATE320KCPZ Datasheet HTML 26Page - Analog Devices ADATE320KCPZ Datasheet HTML 27Page - Analog Devices ADATE320KCPZ Datasheet HTML 28Page - Analog Devices ADATE320KCPZ Datasheet HTML 29Page - Analog Devices ADATE320KCPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
Data Sheet
ADATE320
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. C | 26 of 78
2 See Figure 138 for more detailed information about high speed DATx/RCVx input multiplexing.
Table 18. Comparator Truth Table
DMC_ENABLE, Address
0x1A, Bit 0
Comparator State
CMPH0
State
CMPL0
State
CMPH1
State
CMPL1
State
0
VDUT0 < VOH0
0
VDUT0 < VOL0
0
VDUT1 < VOH1
0
VDUT1 < VOL1
0
VOH0 < VDUT0
1
VOL0 < VDUT0
1
VOH1 < VDUT1
1
VOL1 < VDUT1
1
11
VDUT0 − VDUT1 < VOH0
0
VDUT0 − VDUT1 < VOL0
0
VDUT1 < VOH1
0
VDUT1 < VOL1
0
VOH0 < VDUT0 − VDUT1
1
VOL0 < VDUT0 − VDUT1
1
VOH1 < VDUT1
1
VOL1 < VDUT1
1
1 Note that the Channel 1 normal window comparator continues to function while the device is in differential compare mode, but at a greatly reduced bandwidth.
Table 19. Active Load Truth Table
LOAD/DRV Control Registers1
High Speed Inputs2
Load State
LOAD_ENABLE_x,
Address 0x1B, Bit 0
LOAD_FORCE_x,
Address 0x1B, Bit 1
DRIVE_VT_HIZ_x, Address 0x19, Bit 4
DATx
RCVx
0
X
X
X
X
Low leakage
1
1
X
X
X
Active on
1
0
X
X
0
Active off
1
0
0
X
1
Active on
1
0
1
X
1
Active off
1 X means don’t care.
2 See Figure 138 for more detailed information about high speed DATx/RCVx input multiplexing.
Table 20. PPMU Go/No-Go Comparator Truth Table
PPMU Control Register1
PPMU Go/No-Go Comparator State2
PPMU_ENABLE_x, Address
0x1C, Bit 0
PPMU_STANDBY_x, Address
0x1C, Bit 1
PPMU_CMPHx
State
PPMU_CMPLx
State
0
X
X
0
X
0
1
X
PPMUx MV/MI < POHx
0
PPMUx MV/MI < POLx
0
1
X
POHx < PPMUx MV/MI
1
POLx < PPMUx MV/MI
1
1 X means don’t care.
2 The PPMUx MV/MI inputs to the PPMU go/no-go comparators always come directly from the respective internal PPMU instrumentation amplifiers, not from the PPMU_Mx
output pins (see Figure 143). The internal instrumentation amplifiers are independently configured for either measure voltage (MV) or measure current (MI), depending on
the settings of the PPMU_MEAS_VI_x control bit, as described in Figure 150. When PPMU power is not enabled, the respective go/no-go comparator outputs are locked to
a static low state (see Table 21).
Table 21. PPMU Measure Pin Truth Table
PPMU Control Register1
PPMU_Mx, Pin
State
PPMU_ENABLE_x,
Address 0x1C, Bit 0
PPMU_STANDBY_x,
Address 0x1C, Bit 1
PPMU_MEAS_ENABLE_x,
Address 0x1C, Bit 13
PPMU_MEAS_SEL_x,
Address 0x1C, Bit 14
PPMU_MEAS_VI_x,
Address 0x1C, Bit 6
X
X
0
X
X
High-Z
0
X
1
0
X
Active MV
0
X
1
1
X
Active VTHERM2
1
X
1
0
0
Active MV
1
X
1
0
1
Active MI
1
X
1
1
X
Active VTHERM2
1 X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com