Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320KCPZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 48Page - Analog Devices ADATE320KCPZ Datasheet HTML 49Page - Analog Devices ADATE320KCPZ Datasheet HTML 50Page - Analog Devices ADATE320KCPZ Datasheet HTML 51Page - Analog Devices ADATE320KCPZ Datasheet HTML 52Page - Analog Devices ADATE320KCPZ Datasheet HTML 53Page - Analog Devices ADATE320KCPZ Datasheet HTML 54Page - Analog Devices ADATE320KCPZ Datasheet HTML 55Page - Analog Devices ADATE320KCPZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 78 page
background image
Data Sheet
ADATE320
THEORY OF OPERATION
analog.com
Rev. C | 52 of 78
The ADATE320 is configured through a collection of 16-bit registers
as defined in Table 29. Mode configuration, DAC level settings,
calibration constants, and alarm flags status can all be controlled
and monitored by accessing the respective registers.
Specific access to any 16-bit register is made through a serial pro-
grammable interface (SPI). A single SPI control register is exposed
to the user by this hardware SPI interface. The format of the SPI
Control Register is illustrated in Figure 128. The SPI control register
includes address and channel information, read/write direction, and
a 16-bit data field. Any valid SPI write instruction cycle populates
all these fields, and the ADATE320 subsequently operates on the
addressed channel and register using the data provided. Any valid
SPI read instruction cycle populates only the address and channel
fields, and the ADATE320 makes the addressed register contents
in the 16-bit data field available for subsequent readout at the SDO
pin.
Detailed SPI timing diagrams for each read/write operation type are
provided in Figure 2 through Figure 7. Respective dc and ac timing
parameters are provided in Table 13 and Table 14, respectively.
A typical hardware wiring diagram for the SPI is illustrated in Figure
127.
LEVEL SETTING DACS
DAC Update Modes
The ADATE320 provides 32 16-bit integrated level setting DACs
organized as two channel banks of 16 DACs each. The detailed
mapping of each DAC register to each pin electronics function is
shown in Table 29. Each DAC can be individually programmed by
writing data to the respective SPI register address and channel.
The ADATE320 provides two methods for updating analog DAC
levels: DAC immediate update mode and DAC deferred update
mode. At the release of the CS pin associated with any valid SPI
write to a DAC address, the update of the analog levels can start
immediately or can be deferred, depending on the state of the
DAC_LOAD_MODE control bit in the DAC control register (see
Figure 145). Initiation of the analog level update sequence (and
triggering of the on-chip deglitch circuit) begins four SCLK cycles
following the associated release of CS pin. For the purpose of this
data sheet, the analog level update sequence is assumed to start
coincident with the release of CS. The DAC update mode can be
selected independently for each channel bank.
If the DAC_LOAD_MODE control bit for a given channel bank is
cleared, the DACs assigned to that channel bank are placed in
the DAC immediate update mode. Writing to any DAC within that
channel causes the corresponding analog levels to be updated
immediately following the associated release of CS. Because all
analog levels are updated on a per channel basis, any previously
pending DAC writes queued to that channel (while in an earlier
deferred update mode) are also updated at this time. This situation
can arise if DAC writes are queued to the channel while in deferred
update mode, and then the DAC_LOAD_MODE bit is subsequently
changed to immediate update mode before writing to the respective
DAC_LOAD control bit (see Figure 145). The queued data is not
lost. Note that writing to the DAC_LOAD control bit has no effect
while in immediate update mode.
If the DAC_LOAD_MODE control bit for a given channel is set, then
the DACs assigned to that channel bank is in the deferred update
mode. Writing to any DAC of that channel only queues the DAC
data into that channel. The analog update of queued DAC levels
is deferred until the respective DAC_LOAD control bit is set (see
Figure 145). The DAC deferred update mode, in conjunction with
the respective DAC_LOAD control bit, provides the means to queue
all DAC level writes to a given channel bank before synchronously
updating the analog levels with a single SPI command.
The OVDH and OVDL DAC levels do not fit neatly within a particu-
lar channel bank. However, they must be updated as a part of the
channel bank to which they are assigned, as shown in Table 29.
The ADATE320 provides a feature in which a single SPI write
operation can address two channels at one time. With this feature,
a single SPI write operation can address corresponding DACs on
both channels at the same time, even though the channels may
be configured with different DAC update modes. In such a case,
the device behaves as expected. For example, if both channels
are in immediate update mode, the update of analog levels of both
channel banks begins following the associated release of the CS
pin. If both channels are in deferred update mode, the update of
analog levels is deferred for both channels until the corresponding
DAC_ LOAD control bit is set. If one channel is in deferred update
mode and the other is in immediate update mode, the deferred
channel defers analog updates until the corresponding DAC_LOAD
bit is written, and the immediate channel begins analog updates
immediately following release of the CS pin.
An on-chip deglitch circuit with a period of approximately 3 µs is
provided to prevent DAC-to-DAC crosstalk within a channel when-
ever an analog update is processed. Each DAC channel bank has
its own dedicated deglitch circuitry, and each channel may therefore
operate independently.
A deglitch circuit can be retriggered if an analog level update
is initiated before a previous update operation on that channel
completes. Analog transitions at the DAC outputs do not begin until
after the deglitch circuit times out. Final settling to full precision
requires an additional 7 µs beyond the end of the 3 µs deglitch
interval. The total DAC settling time following the release of the
associated CS pin is approximately 10 µs maximum. Note that
an extended retriggering sequence of the deglitch circuit on one
channel may cause the apparent settling time of analog levels on
that channel to appear delayed longer than the specified 10 µs.
A typical DAC update sequence is illustrated in Figure 129. In this
example, consecutive immediate mode DAC updates are written in
direct succession. This example was chosen to illustrate what hap-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com