Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320KCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 9Page - Analog Devices ADATE320KCPZ Datasheet HTML 10Page - Analog Devices ADATE320KCPZ Datasheet HTML 11Page - Analog Devices ADATE320KCPZ Datasheet HTML 12Page - Analog Devices ADATE320KCPZ Datasheet HTML 13Page - Analog Devices ADATE320KCPZ Datasheet HTML 14Page - Analog Devices ADATE320KCPZ Datasheet HTML 15Page - Analog Devices ADATE320KCPZ Datasheet HTML 16Page - Analog Devices ADATE320KCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
Data Sheet
ADATE320
SPECIFICATIONS
analog.com
Rev. C | 13 of 78
Table 7.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
FORCE VOLTAGE (FV)
Current Ran=ge A
−40
+40
mA
D
Current Range B
−1
+1
mA
D
Current Range C
−100
+100
µA
D
Current Range D
−10
+10
µA
D
Current Range E
−2
+2
µA
D
FV Range at Output, Range A
−1.0
+4.0
V
D
Output range for full-scale source/sink
−1.5
+4.5
V
D
Output range for ±25 mA or less
FV Range at Output, Range B,
Range C, Range D, and Range E
−1.5
+4.5
V
D
Output range for full-scale source/sink
FV Offset, Range C
−100
+100
mV
P
Measured at DAC Code 0x4000 (0.0 V) in Range C
FV Offset, All Ranges
±30
mV
CT
Measured at DAC Code 0x4000 (0.0 V) applies to all
other ranges
FV Offset TC, All Ranges
±100
µV/°C
CT
Measured at DAC Code 0x4000 (0.0 V)
FV Gain, Range C
1.0
1.1
V/V
P
Gain derived from measurements at DAC Code 0x4000
(0.0 V) and DAC Code 0x8CCC (3.0 V); based on an
ideal DAC transfer function
FV Gain, All Ranges
1.05
V/V
CT
Gain derived from measurements at DAC Code 0x4000
(0.0 V) and DAC Code 0x8CCC (3.0 V); based on an
ideal DAC transfer function
FV Gain TC, All Ranges
±10
ppm/°C
CT
Gain derived from measurements at DAC Code 0x4000
(0.0 V) and DAC Code 0x8CCC (3.0 V)
FV INL
Range A
±1.5
mV
CT
After two-point gain/offset calibration, output range of
−1.5 V to +4.5 V; calibration points DAC Code 0x4000
(0.0 V) and DAC Code 0x8CCC (3.0 V), PPMU Current
Range A
Range C, Focused Range
−1.7
+1.7
mV
P
After two-point gain/offset calibration, output range of
−0.5 V to +3.5 V; calibration points DAC Code 0x4000
(0.0 V) and DAC Code 0x8CCC (3.0 V)
Range C, Full Range
−5
+5
mV
P
After two-point gain/offset calibration, output range of
−1.5 V to +4.5 V; calibration points DAC Code 0x4000
(0.0 V) and DAC Code 0x8CCC (3.0 V)
Range B, Range D, and Range E
±1.0
mV
CT
After two-point gain/offset calibration, output range of
−1.5 V to +4.5 V; calibration points DAC Code 0x4000
(0.0 V) and DAC Code 0x8CCC (3.0 V)
FV Compliance vs. Source/Sink
Current, Range A (±40 mA)
±1
mV
CT
Force −1.0 V; measure voltage while sinking 0.0 mA
and full-scale current; measure ∆V; force 4.0 V; measure
voltage while sourcing 0.0 mA and full-scale current;
measure ∆V
FV Compliance vs. Source/Sink
Current, Range A (±25 mA)
±1
mV
CT
Force −1.5 V; measure voltage while sinking 0.0 mA and
25 mA; measure ∆V; force 4.5 V; measure voltage while
sourcing 0.0 mA and 25 mA; measure ∆V
FV Compliance vs. Source/Sink
Current, Range B, Range C,
Range D, and Range E
±1
mV
CT
Force −1.5 V; measure voltage while sinking 0.0 mA
and full-scale current; measure ∆V; force 4.5 V; measure
voltage while sourcing 0.0 mA and full-scale current;
measure ∆V
DUTGND Voltage Accuracy
−5
±1
+5
mV
P
Over ±0.1 V range; measured over −0.5 V to +3.5 V
focused PPMU output range
FORCE CURRENT (FI)
PPMU enabled in force current/measure current (FIMI)
DUTx Pin Voltage Range, Range A
−1.0
+4.0
V
D
Full-scale source and sink current
−1.5
+4.5
V
D
DUTx pin source and sink 25 mA or less



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com