Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320KCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 21Page - Analog Devices ADATE320KCPZ Datasheet HTML 22Page - Analog Devices ADATE320KCPZ Datasheet HTML 23Page - Analog Devices ADATE320KCPZ Datasheet HTML 24Page - Analog Devices ADATE320KCPZ Datasheet HTML 25Page - Analog Devices ADATE320KCPZ Datasheet HTML 26Page - Analog Devices ADATE320KCPZ Datasheet HTML 27Page - Analog Devices ADATE320KCPZ Datasheet HTML 28Page - Analog Devices ADATE320KCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 78 page
background image
Data Sheet
ADATE320
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. C | 25 of 78
Table 15.
Parameter
Rating
Supply Voltages
Positive Supply Voltage (VCC to PGND)
−0.5 V to +9.0 V
Positive Supply Voltage (VDD to DGND)
−0.5 V to +2.2 V
Negative Supply Voltage (VEE to PGND)
−6.0 V to +0.5 V
Supply Voltage Difference (VCC to VEE)
−1.0 V to +15.0 V
Reference Ground (DUTGND to AGND)
−0.5 V to +0.5 V
Supply Sequence or Dropout Condition
No limitations
Input/Output Voltages
Digital Input Voltage Range
−0.5 V to VDD + 0.5 V
VREF Input Voltage Range
−0.5 V to +3.5 V
VREFGND, DUTGND Input Voltage Range
−0.5 V to +0.5 V
DUTx Output Short-Circuit Voltage1
−3.0 V to +6.0 V
High Speed Termination (VTTCx, VTTDx) Input
Voltage Range
−0.5 V to +2.2 V
High Speed DATx/RCVx Common-Mode Input
Voltage Range2
−0.5 V to +2.2 V
High Speed DATx/RCVx Differential Mode Input
Voltage Range2
−1.0 V to +1.0 V
High Speed CMPHx/CHPLx, PPMU_ CMPHx/
PPMU_CMPLx Absolute Output Voltage Range
−0.5 V to +2.2 V
DUTx Input/Output Pin Current Limit
DCL Maximum Short-Circuit Current3
±120 mA
Operating Temperature, Junction
125°C
Storage Temperature Range
−65°C to +150°C
1 RL = 0 Ω, VDUTx continuous short-circuit condition (VIH, VIL, VIT), high-Z,
VCOM, and all clamp modes.
2 DATx, DATx, RCVx, RCVx, RSOURCE = 0 Ω, no pin to exceed either maximum
common-mode input range or differential mode input range.
3 RL = 0 Ω, VDUTx = −3 V to +6 V; DCL current limit. Continuous short-circuit
condition. The ADATE320 is designed to withstand continuous short-circuit
fault.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL CHARACTERISTICS
θJA is specified for the worst case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 16. Thermal Resistance
Package Type
Airflow Velocity (m/sec)
θJA
θJC
Unit
84-Lead LFCSP
N/A1
N/A1
3.2
°C/W
0
45
N/A1
°C/W
1
40
N/A1
°C/W
2
37
N/A1
°C/W
1 N/A means not applicable.
EXPLANATION OF TEST LEVELS
D Definition.
S Design verification simulation.
P 100% production tested.
PF Functionally checked during production test.
CT Characterized on tester.
CB Characterized on bench.
USER INFORMATION AND TRUTH TABLES
Table 17. Driver Truth Table
DRV Control Register1
High Speed Inputs2
Driver State
DRIVE_ENABLE_x,
Address 0x19, Bit 0
DRIVE_FORCE_x,
Address 0x19, Bit 1
DRIVE_FORCE_STATE_x,
Address 0x19, Bits[3:2]
DRIVE_VT_HIZ_x,
Address 0x19, Bit 4
DATx
RCVx
0
X
XX
X
X
X
Low leakage
1
1
00
X
X
X
Active VIL
1
1
01
X
X
X
Active VIH
1
1
10
X
X
X
Active high-Z
1
1
11
X
X
X
Active VIT
1
0
XX
0
X
1
Active high-Z
1
0
XX
1
X
1
Active VIT
1
0
XX
X
0
0
Active VIL
1
0
XX
X
1
0
Active VIH
1 X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com