Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320KCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 17Page - Analog Devices ADATE320KCPZ Datasheet HTML 18Page - Analog Devices ADATE320KCPZ Datasheet HTML 19Page - Analog Devices ADATE320KCPZ Datasheet HTML 20Page - Analog Devices ADATE320KCPZ Datasheet HTML 21Page - Analog Devices ADATE320KCPZ Datasheet HTML 22Page - Analog Devices ADATE320KCPZ Datasheet HTML 23Page - Analog Devices ADATE320KCPZ Datasheet HTML 24Page - Analog Devices ADATE320KCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
Data Sheet
ADATE320
SPECIFICATIONS
analog.com
Rev. C | 21 of 78
Table 14.
Parameter
Symbol
Min
Typ
Max
Unit
Test Level
Description
BUSY Release from SCLK
tBUSR
0
10
ns
S
Propagation delay from qualifying SCLK edge to BUSY
release.
Width of Assert
tRMIN
5
ns
S
Minimum width of asynchronous RST assert, 5 pF
external loading.
RST to SCLK Setup at Assert
tRS
1.5
ns
S
Minimum setup time of RST release to next rising edge
of SCLK.
SCLK Cycles per SPI Word
tSPI
29
Cycles
D
Minimum number of SCLK rising edge cycles required
per valid SPI operation, including the minimum tCSAM
requirement between consecutive CS assertions.
Internal DAC Settling to Within ±2 mV from
BUSY Release
tDAC
10
µs
CB
Settling time of internal analog DAC levels to within ±2
mV. Settling time is relative to the release of BUSY.1
1 The overall settling time may be dominated by the characteristics of an analog block (such as the PPMU or driver) and its respective mode setting (such as Range A or
Range B).
SPI TIMING DIAGRAMS
Figure 2. SPI Detailed Read/Write Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com