Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA428A Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMA428A
Description  High Gain, Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA428A Datasheet(HTML) 3 Page - STMicroelectronics

  SMA428A Datasheet HTML 1Page - STMicroelectronics SMA428A Datasheet HTML 2Page - STMicroelectronics SMA428A Datasheet HTML 3Page - STMicroelectronics SMA428A Datasheet HTML 4Page - STMicroelectronics SMA428A Datasheet HTML 5Page - STMicroelectronics SMA428A Datasheet HTML 6Page - STMicroelectronics SMA428A Datasheet HTML 7Page - STMicroelectronics SMA428A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
SMA428A
ELECTRICAL CHARACTERISTICS
(Ta = +25oC, VCC = 2.7V, tested in circuit shown in fig.1, unless otherwise specified)
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit
f
Frequency Range
1850
MHz
Itot
Total device current
5.9
7.5
mA
Gp
Power Gain
18
21
dB
NF
Noise Figure (Zs = 50
Ω)
1.3
1.7
dB
P-1dB
Input Power at 1 dB Gain Compression
-23
dBm
IIP3
Input third order intercept point
-13
dBm
LGS
Insertion Loss in Gain-Step-Mode
Vcc = 0.0 V, VCTRL = 2.7 V,
RCTRL = 3 k
Ω
11
18
dB
ICTR
Current consumption in Gain-Step-Mode
Vcc = 0.0 V, VCTRL = 2.7 V,
RCTRL = 3 k
Ω
0.33
mA
3
2
1
4
5
6
(Bottom View)
4
5
6
3
2
1
(Top View)
Pin No.
Pin Name
1VCC
2GND
3OUTPUT
4GS
5GND
6INPUT
PIN CONNECTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com