Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA428A Datasheet (PDF) - STMicroelectronics

SMA428A Datasheet PDF - STMicroelectronics
Part # SMA428A
Download  SMA428A Download
File Size   103.5 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High Gain, Low Noise Amplifier

SMA428A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA428A Datasheet PDF - STMicroelectronics

Part # SMA428A
Download  SMA428A Click to download

File Size   103.5 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High Gain, Low Noise Amplifier

SMA428A Datasheet (HTML) - STMicroelectronics


SMA428A Product details

DESCRIPTION
High gain and low noise figures make the SMA428A an ideal solution for Low Noise Amplifiers and receiver front end stages up to 2.5 GHz. SMA428A’s typical supply voltage range is 2.4 to 3.3 volts. It shows excellent performances in terms of NF, Gain and current consumption, using just 3 external matching components. Applying supply voltage to the GS pin and grounding Vcc pin, it provides a reduced gain step of 35 dB. SMA428A is housed in ultra miniature SOT323-6L package(LEAD FREE), the relative dimensions are 1.15mmx1.8mm with 0.8mm thickness.

• HIGH GAIN Gp = 21 dB at 1.85 GHz
• LOW NOISE FIGURE NF = 1.3 dB at 1.85 GHz
• LOW CURRENT CONSUMPTION 5.9 mA
• OPEN COLLECTOR OUTPUT
• TYPICAL SUPPLY VOLTAGE: 2.4-3 V
• GAIN-STEP-MODE (36dB)
• ULTRA MINIATURE SOT323-6L PACKAGE (LEAD FREE)

APPLICATIONS
• LNA FOR CELLULAR MARKET (ideal for GSM900, DCS1800 and PCS1900).
• LNA FOR GPS APPLICATIONS




Similar Part No. - SMA428A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SMA4203 SANYO-SMA4203 Datasheet
31Kb / 3P
Oscillator IC for Laser Diode Noise Suppression Applications
logo
Solid State Optronic
SMA4217 SSOUSA-SMA4217 Datasheet
313Kb / 8P
Low Input Control Current (5mA MAX)
logo
Solid State Inc
SMA4217 SOLIDSTATE-SMA4217 Datasheet
327Kb / 8P
High Input-to-Output Isolation (1500V MIN)
03/05/2014
logo
Solid State Optronic
SMA4240 SSOUSA-SMA4240 Datasheet
343Kb / 7P
High Input-to-Output Isolation
logo
Solid State Inc
SMA4240 SOLIDSTATE-SMA4240 Datasheet
356Kb / 7P
1A Maximum Continuous Load Current
More results


Similar Description - SMA428A

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
High Gain, Low Noise Amplifier
May 2012
ASL563 ASB-ASL563 Datasheet
1Mb / 22P
High Gain, Low Noise Amplifier
August 2011
AST54S ASB-AST54S Datasheet
1Mb / 21P
High Gain, Low Noise Amplifier
June 2012
ASL22N ASB-ASL22N Datasheet
400Kb / 4P
High Gain, Low Noise Amplifier
February 2013
ASL51T8 ASB-ASL51T8 Datasheet
539Kb / 11P
High Gain, Low Noise Amplifier
June 2014
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
High Gain, Low Noise Amplifier
April 2017
ASL51S9 ASB-ASL51S9_17 Datasheet
428Kb / 8P
High Gain, Low Noise Amplifier
January 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
High Gain, Low Noise Amplifier
April 2017
ASL563 ASB-ASL563_17 Datasheet
762Kb / 11P
High Gain, Low Noise Amplifier
February 2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com