Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA428A Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMA428A
Description  High Gain, Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA428A Datasheet(HTML) 5 Page - STMicroelectronics

  SMA428A Datasheet HTML 1Page - STMicroelectronics SMA428A Datasheet HTML 2Page - STMicroelectronics SMA428A Datasheet HTML 3Page - STMicroelectronics SMA428A Datasheet HTML 4Page - STMicroelectronics SMA428A Datasheet HTML 5Page - STMicroelectronics SMA428A Datasheet HTML 6Page - STMicroelectronics SMA428A Datasheet HTML 7Page - STMicroelectronics SMA428A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
SMA428A
Supply Current Vs Temperature
-3 0
-2 5
-2 0
-1 5
-1 0
-5
0
18 00
18 10 18 20
183 0
1 84 0
1 85 0 1 86 0
18 70
18 80 18 90
190 0
f (MHz )
Tc = 25 °C
Tc = -40 °C
Tc = 85 °C
TYPICAL PERFORMANCE
Control Current Vs Temperature
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-4 0
-25
25
50
85
T (°C )
OFF-Gain
(Vcc = 0V, Vctrl = 2.7V, Rctrl = 3Kohm)
-3 0
-2 8
-2 6
-2 4
-2 2
-2 0
-1 8
-1 6
-1 4
-1 2
-1 0
18 00
18 10 18 20
183 0
1 84 0
1 85 0 1 86 0
18 70
18 80 18 90
190 0
f (MHz )
Tc = 25 °C
Tc = -40 °C
Tc = 85 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com