Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA428A Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMA428A
Description  High Gain, Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA428A Datasheet(HTML) 4 Page - STMicroelectronics

  SMA428A Datasheet HTML 1Page - STMicroelectronics SMA428A Datasheet HTML 2Page - STMicroelectronics SMA428A Datasheet HTML 3Page - STMicroelectronics SMA428A Datasheet HTML 4Page - STMicroelectronics SMA428A Datasheet HTML 5Page - STMicroelectronics SMA428A Datasheet HTML 6Page - STMicroelectronics SMA428A Datasheet HTML 7Page - STMicroelectronics SMA428A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SMA428A
4/8
S-Parameters ( ZL = ZS = 50 Ω, VCC = 2.7V, measured in application circuit shown in fig.2)
18
19
20
21
22
23
24
18 00
1810 1820
1830 1840
1850 1860
1870 1880
18 90
19 00
f (MHz )
Tc = 25 ° C
Tc = -40 ° C
Tc = 8 5 ° C
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1 800
1810 1 820
183 0 1 840
1850 1 860
187 0 1 880 189 0 1 900
f (MHz )
T c = 25 ° C
T c = -40 ° C
T c = 85 °C
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
180 0 18 10
1820 18 30
1840
185 0 1 860
1870 18 80
1890
190 0
f ((MHz )
T c = 25 °C
Tc = -40 °C
T c = 85 °C
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
1 800
181 0 18 20
1 830 184 0
18 50
18 60 1 87 0
188 0 18 90
1 900
f (MHz )
Tc = 25 °C
Tc = -40 °C
T c = 85 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com