Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA428A Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMA428A
Description  High Gain, Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA428A Datasheet(HTML) 1 Page - STMicroelectronics

  SMA428A Datasheet HTML 1Page - STMicroelectronics SMA428A Datasheet HTML 2Page - STMicroelectronics SMA428A Datasheet HTML 3Page - STMicroelectronics SMA428A Datasheet HTML 4Page - STMicroelectronics SMA428A Datasheet HTML 5Page - STMicroelectronics SMA428A Datasheet HTML 6Page - STMicroelectronics SMA428A Datasheet HTML 7Page - STMicroelectronics SMA428A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
PRELIMINARY DATA
March, 10 2003
SMA428A
High Gain, Low Noise Amplifier
Rthjs
Thermal Resistance Junction soldering point
200
oC/W
Symbol
Parameter
Value
Unit
Vcc
Device voltage
4
V
Vout
Voltage at pin Out
4
V
VGS
Voltage at pin GS
3.5
V
Itot
Total Device Current
12
mA
Iin
Current into pin In
0.5
mA
Ptot
Total dissipation, Ts < 125
oC
60
mW
PIN
Input Power
8
dBm
Top
Operating temperature
-40 to +85
oC
Tstg
Storage temperature
-65 to +150
oC
Tj
Max. operating junction temperature
150
oC
ORDER CODE
SMA428ATR
BRANDING
TBD
SOT323-6L (SC70)
• HIGH GAIN Gp = 21 dB at 1.85 GHz
• LOW NOISE FIGURE NF = 1.3 dB at 1.85 GHz
• LOW CURRENT CONSUMPTION 5.9 mA
• OPEN COLLECTOR OUTPUT
• TYPICAL SUPPLY VOLTAGE: 2.4-3 V
• GAIN-STEP-MODE (36dB)
• ULTRA MINIATURE SOT323-6L PACKAGE (LEAD
FREE)
APPLICATIONS
• LNA FOR CELLULAR MARKET (ideal for GSM900,
DCS1800 and PCS1900).
• LNA FOR GPS APPLICATIONS
DESCRIPTION
High gain and low noise figures make the SMA428A an
ideal solution for Low Noise Amplifiers and receiver
front end stages up to 2.5 GHz. SMA428A’s typical
supply voltage range is 2.4 to 3.3 volts. It shows
excellent performances in terms of NF, Gain and
current consumption, using just 3 external matching
components. Applying supply voltage to the GS pin and
grounding Vcc pin, it provides a reduced gain step of 35
dB. SMA428A is housed in ultra miniature SOT323-6L
package(LEAD FREE), the relative dimensions are
1.15mmx1.8mm with 0.8mm thickness.
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
In, 6
GS, 4
Vcc, 1
GND, 2;5
Out, 3
BLOCK DIAGRAM


Similar Part No. - SMA428A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SMA4203 SANYO-SMA4203 Datasheet
31Kb / 3P
Oscillator IC for Laser Diode Noise Suppression Applications
logo
Solid State Optronic
SMA4217 SSOUSA-SMA4217 Datasheet
313Kb / 8P
Low Input Control Current (5mA MAX)
logo
Solid State Inc
SMA4217 SOLIDSTATE-SMA4217 Datasheet
327Kb / 8P
High Input-to-Output Isolation (1500V MIN)
03/05/2014
logo
Solid State Optronic
SMA4240 SSOUSA-SMA4240 Datasheet
343Kb / 7P
High Input-to-Output Isolation
logo
Solid State Inc
SMA4240 SOLIDSTATE-SMA4240 Datasheet
356Kb / 7P
1A Maximum Continuous Load Current
More results

Similar Description - SMA428A

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
High Gain, Low Noise Amplifier
May 2012
ASL563 ASB-ASL563 Datasheet
1Mb / 22P
High Gain, Low Noise Amplifier
August 2011
AST54S ASB-AST54S Datasheet
1Mb / 21P
High Gain, Low Noise Amplifier
June 2012
ASL22N ASB-ASL22N Datasheet
400Kb / 4P
High Gain, Low Noise Amplifier
February 2013
ASL51T8 ASB-ASL51T8 Datasheet
539Kb / 11P
High Gain, Low Noise Amplifier
June 2014
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
High Gain, Low Noise Amplifier
April 2017
ASL51S9 ASB-ASL51S9_17 Datasheet
428Kb / 8P
High Gain, Low Noise Amplifier
January 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
High Gain, Low Noise Amplifier
April 2017
ASL563 ASB-ASL563_17 Datasheet
762Kb / 11P
High Gain, Low Noise Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com