Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B722 Datasheet(PDF) 12 Page - EPCOS

Part # B722
Description  SIOV metal oxide varistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B722 Datasheet(HTML) 12 Page - EPCOS

Back Button B722 Datasheet HTML 8Page - EPCOS B722 Datasheet HTML 9Page - EPCOS B722 Datasheet HTML 10Page - EPCOS B722 Datasheet HTML 11Page - EPCOS B722 Datasheet HTML 12Page - EPCOS B722 Datasheet HTML 13Page - EPCOS B722 Datasheet HTML 14Page - EPCOS B722 Datasheet HTML 15Page - EPCOS B722 Datasheet HTML 16Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Characteristics (TA = 25
°C)
Ordering code
Vv
(1 mA)
V
∆V
v
(1 mA)
%
vc,max
(ic)
V
ic
A
Ctyp
(1 kHz)
pF
VRMS = 420 V
B72205S0421K101
680
±10
1120
5.0
40
B72207S0421K101
680
±10
1120
10.0
75
B72210S0421K101
680
±10
1120
25.0
165
B72214S0421K101
680
±10
1120
50.0
290
B72220S0421K101
680
±10
1120
100.0
550
VRMS = 440 V
B72205S0441K101
715
±10
1180
5.0
37
B72207S0441K101
715
±10
1180
10.0
72
B72210S0441K101
715
±10
1180
25.0
158
B72214S0441K101
715
±10
1180
50.0
275
B72220S0441K101
715
±10
1180
100.0
530
VRMS = 460 V
B72205S0461K101
750
±10
1240
5.0
35
B72207S0461K101
750
±10
1240
10.0
70
B72210S0461K101
750
±10
1240
25.0
150
B72214S0461K101
750
±10
1240
50.0
260
B72220S0461K101
750
±10
1240
100.0
500
VRMS = 510 V
B72210S0511K101
820
±10
1355
25.0
140
B72214S0511K101
820
±10
1355
50.0
240
B72220S0511K101
820
±10
1355
100.0
460
VRMS = 550 V
B72210S0551K101
910
±10
1500
25.0
120
B72214S0551K101
910
±10
1500
50.0
215
B72220S0551K101
910
±10
1500
100.0
410
VRMS = 625 V
B72210S0621K101
1000
±10
1650
25.0
110
B72214S0621K101
1000
±10
1650
50.0
200
B72220S0621K101
1000
±10
1650
100.0
380
Leaded varistors
B722*
StandarD series
Page 12 of 47
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com