Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B722 Datasheet(PDF) 13 Page - EPCOS

Part # B722
Description  SIOV metal oxide varistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B722 Datasheet(HTML) 13 Page - EPCOS

Back Button B722 Datasheet HTML 9Page - EPCOS B722 Datasheet HTML 10Page - EPCOS B722 Datasheet HTML 11Page - EPCOS B722 Datasheet HTML 12Page - EPCOS B722 Datasheet HTML 13Page - EPCOS B722 Datasheet HTML 14Page - EPCOS B722 Datasheet HTML 15Page - EPCOS B722 Datasheet HTML 16Page - EPCOS B722 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
1) Note: Nominal discharge current In according to UL 1449, 4th edition.
2) Operating voltage differs from type designation.
Electrical specifications and ordering codes
Maximum ratings (TA = 105
°C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20 µs)
1 time
A
In 1)
(8/20 µs)
15 times
A
Wmax
(2 ms)
J
Pmax
W
VRMS = 680 V
B72210S0681K101
S10K680
680
895
2500
1500
72.0
0.40
B72214S0681K101
S14K680
680
895
4500
3000
140.0
0.60
B72220S0681K101
S20K680
680
895
6500
3000
250.0
1.00
VRMS = 1100 V
B72214S0102K101
S14K10002)
1100
1465
4500
3000
230.0
0.60
B72220S0102K101
S20K10002)
1100
1465
6500
3000
410.0
1.00
Characteristics (TA = 25
°C)
Ordering code
Vv
(1 mA)
V
∆V
v
(1 mA)
%
vc,max
(ic)
V
ic
A
Ctyp
(1 kHz)
pF
VRMS = 680 V
B72210S0681K101
1100
±10
1815
25.0
100
B72214S0681K101
1100
±10
1815
50.0
180
B72220S0681K101
1100
±10
1815
100.0
340
VRMS = 1100 V
B72214S0102K101
1800
±10
2970
50.0
110
B72220S0102K101
1800
±10
2970
100.0
210
Leaded varistors
B722*
StandarD series
Page 13 of 47
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com