Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B722 Datasheet(PDF) 39 Page - EPCOS

Part # B722
Description  SIOV metal oxide varistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B722 Datasheet(HTML) 39 Page - EPCOS

Back Button B722 Datasheet HTML 35Page - EPCOS B722 Datasheet HTML 36Page - EPCOS B722 Datasheet HTML 37Page - EPCOS B722 Datasheet HTML 38Page - EPCOS B722 Datasheet HTML 39Page - EPCOS B722 Datasheet HTML 40Page - EPCOS B722 Datasheet HTML 41Page - EPCOS B722 Datasheet HTML 42Page - EPCOS B722 Datasheet HTML 43Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
2.4
Taping mode
Example: B72210S0271K1 5 1
|
Digit 14
Digit 14 Taping
mode
Reel type
Seating plane height H0
for crimped types
mm
Seating plane height H
for uncrimped types
mm
Pitch distance
P0
mm
0
Bulk
1
G
I
16
18
12.7
2
G2
I
18
12.7
3
G3
II
16
18
12.7
4
G4
II
18
12.7
5
G5
III
16
18
12.7
6
GA
Ammo pack 16
18
12.7
7
G2A
Ammo pack 18
12.7
Internal coding for special taping
G6
III
18
12.7
G10
II
16
18
15.0
G11
II
18
15.0
G10A
Ammo pack 16
18
15.0
G11A
Ammo pack 18
15.0
2.5
Reel dimension
Dimensions (in mm)
Reel type
d
f
n
w
I
360 max.
31
±1
approx. 45
54 max.
II
360 max.
31
±1
approx. 55
64 max.
III
500 max.
23
±1
approx. 59
72 max.
If reel type III is not compatible with insertion equipment because of its large diameter, nominal
disk diameter 10 mm and 14 mm can be supplied on reel II upon request (taping mode G3).
Leaded varistors
B722*
StandarD series
Page 39 of 47
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com