Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B722 Datasheet(PDF) 3 Page - EPCOS

Part # B722
Description  SIOV metal oxide varistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B722 Datasheet(HTML) 3 Page - EPCOS

  B722 Datasheet HTML 1Page - EPCOS B722 Datasheet HTML 2Page - EPCOS B722 Datasheet HTML 3Page - EPCOS B722 Datasheet HTML 4Page - EPCOS B722 Datasheet HTML 5Page - EPCOS B722 Datasheet HTML 6Page - EPCOS B722 Datasheet HTML 7Page - EPCOS B722 Datasheet HTML 8Page - EPCOS B722 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
1) Note: Nominal discharge current In according to UL 1449, 4th edition.
2) Jump-start strength (max. 24 V, 5 minutes)
Electrical specifications and ordering codes
Maximum ratings (TA = 105
°C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20 µs)
1 time
A
In 1)
(8/20 µs)
15 times
A
Wmax
(2 ms)
J
Pmax
W
VRMS =
11 V
B72205S0110K101
S05K11
11
14
100
50
0.3
0.01
B72207S0110K101
S07K11
11
14
250
100
0.8
0.02
B72210S0110K101
S10K11
11
14
500
250
1.7
0.05
B72214S0110K101
S14K11
11
14
1000
500
3.2
0.10
B72220S0110K101
S20K11
11
14
2000
1000
10.0
0.20
VRMS =
14 V
B72205S0140K101
S05K14
14
18
100
50
0.4
0.01
B72207S0140K101
S07K14
14
182)
250
100
0.9
0.02
B72210S0140K101
S10K14
14
182)
500
250
2.0
0.05
B72214S0140K101
S14K14
14
182)
1000
500
4.0
0.10
B72220S0140K101
S20K14
14
182)
2000
1000
12.0
0.20
VRMS =
17 V
B72205S0170K101
S05K17
17
22
100
50
0.5
0.01
B72207S0170K101
S07K17
17
22
250
100
1.1
0.02
B72210S0170K101
S10K17
17
22
500
250
2.5
0.05
B72214S0170K101
S14K17
17
22
1000
500
5.0
0.10
B72220S0170K101
S20K17
17
22
2000
1000
14.0
0.20
VRMS =
20 V
B72205S0200K101
S05K20
20
26
100
50
0.6
0.01
B72207S0200K101
S07K20
20
26
250
100
1.3
0.02
B72210S0200K101
S10K20
20
26
500
250
3.1
0.05
B72214S0200K101
S14K20
20
26
1000
500
6.0
0.10
B72220S0200K101
S20K20
20
26
2000
1000
18.0
0.20
VRMS =
25 V
B72205S0250K101
S05K25
25
31
100
50
0.7
0.01
B72207S0250K101
S07K25
25
31
250
100
1.6
0.02
B72210S0250K101
S10K25
25
31
500
250
3.7
0.05
B72214S0250K101
S14K25
25
31
1000
500
7.0
0.10
B72220S0250K101
S20K25
25
31
2000
1000
22.0
0.20
VRMS =
30 V
B72205S0300K101
S05K30
30
38
100
50
0.9
0.01
B72207S0300K101
S07K30
30
38
250
100
2.0
0.02
B72210S0300K101
S10K30
30
38
500
250
4.4
0.05
B72214S0300K101
S14K30
30
38
1000
500
9.0
0.10
B72220S0300K101
S20K30
30
38
2000
1000
26.0
0.20
Leaded varistors
B722*
StandarD series
Page 3 of 47
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com