Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B722 Datasheet(PDF) 5 Page - EPCOS

Part # B722
Description  SIOV metal oxide varistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B722 Datasheet(HTML) 5 Page - EPCOS

  B722 Datasheet HTML 1Page - EPCOS B722 Datasheet HTML 2Page - EPCOS B722 Datasheet HTML 3Page - EPCOS B722 Datasheet HTML 4Page - EPCOS B722 Datasheet HTML 5Page - EPCOS B722 Datasheet HTML 6Page - EPCOS B722 Datasheet HTML 7Page - EPCOS B722 Datasheet HTML 8Page - EPCOS B722 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
Electrical specifications and ordering codes
Maximum ratings (TA = 105
°C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20 µs)
1 time
A
In 1)
(8/20 µs)
15 times
A
Wmax
(2 ms)
J
Pmax
W
VRMS =
35 V
B72205S0350K101
S05K35
35
45
100
50
1.1
0.01
B72207S0350K101
S07K35
35
45
250
100
2.5
0.02
B72210S0350K101
S10K35
35
45
500
250
5.4
0.05
B72214S0350K101
S14K35
35
45
1000
500
10.0
0.10
B72220S0350K101
S20K35
35
45
2000
1000
33.0
0.20
VRMS =
40 V
B72205S0400K101
S05K40
40
56
100
50
1.3
0.01
B72207S0400K101
S07K40
40
56
250
100
3.0
0.02
B72210S0400K101
S10K40
40
56
500
250
6.4
0.05
B72214S0400K101
S14K40
40
56
1000
500
13.0
0.10
B72220S0400K101
S20K40
40
56
2000
1000
37.0
0.20
VRMS =
50 V
B72205S0500K101
S05K50
50
65
400
150
1.8
0.10
B72207S0500K101
S07K50
50
65
1200
500
4.2
0.25
B72210S0500K101
S10K50
50
65
2500
1500
8.4
0.40
B72214S0500K101
S14K50
50
65
4500
3000
15.0
0.60
B72220S0500K101
S20K50
50
65
6500
3000
27.0
1.00
VRMS =
60 V
B72205S0600K101
S05K60
60
85
400
150
2.2
0.10
B72207S0600K101
S07K60
60
85
1200
500
4.8
0.25
B72210S0600K101
S10K60
60
85
2500
1500
10.0
0.40
B72214S0600K101
S14K60
60
85
4500
3000
17.0
0.60
B72220S0600K101
S20K60
60
85
6500
3000
33.0
1.00
VRMS =
75 V
B72205S0750K101
S05K75
75
100
400
150
2.5
0.10
B72207S0750K101
S07K75
75
100
1200
500
5.9
0.25
B72210S0750K101
S10K75
75
100
2500
1500
12.0
0.40
B72214S0750K101
S14K75
75
100
4500
3000
20.0
0.60
B72220S0750K101
S20K75
75
100
6500
3000
40.0
1.00
VRMS =
95 V
B72205S0950K101
S05K95
95
125
400
150
3.4
0.10
B72207S0950K101
S07K95
95
125
1200
500
7.6
0.25
B72210S0950K101
S10K95
95
125
2500
1500
15.0
0.40
B72214S0950K101
S14K95
95
125
4500
3000
25.0
0.60
B72220S0950K101
S20K95
95
125
6500
3000
50.0
1.00
1) Note: Nominal discharge current I
n according to UL 1449, 4
thedition.
Leaded varistors
B722*
StandarD series
Page 5 of 47
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com