Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMUSIC3 Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # VMUSIC3
Description  Future Technology Devices International
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VMUSIC3 Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button VMUSIC3 Datasheet HTML 5Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 6Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 7Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 8Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 9Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 10Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 11Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 12Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 13Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Copyright © 2013 Future Technology Devices International Limited
VMusic3
Version 1.0
Document Reference No.: FT_000738
Clearance No.: FTDI#
336
8
VMusic3 Max-Ratings
The absolute maximum ratings for the VDrive3 devices are as follows. These are in accordance with the
Absolute Maximum Rating System (IEC 60134). Exceeding these may cause permanent damage to the
device.
Parameter
Value
Unit
Conditions
Storage Temperature
-40°C to 85°C
Degrees C
Ambient Operating Temperature (Power
Applied)
-30°C to 85°C
Degrees C
VCC Supply Voltage
-0.3 to +5.5
V
DC Input Voltage – USBDP and USBDM
-0.5 to +3.63
V
Table 8.1 – Absolute Maximum Ratings
9
VMusic3 Mechanical Details
Figure 9.1 – VMusic3 Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com