Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMUSIC3 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # VMUSIC3
Description  Future Technology Devices International
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VMUSIC3 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button VMUSIC3 Datasheet HTML 3Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 4Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 5Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 6Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 7Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 8Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 9Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 10Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Copyright © 2013 Future Technology Devices International Limited
VMusic3
Version 1.0
Document Reference No.: FT_000738
Clearance No.: FTDI#
336
7
VMusic3 Electrical Details
7.1
SPI Interface Timing
The following timing diagrams are for the VNC1L Legacy Interface mode of SPI slave.
SCLK
SS#
MOSI
MISO
Figure 7.1 – SPI
To start the data transfer process SS# needs to be set high, and remain high for the entire read cycle.
Once the read cycle completes SS# needs to be set low for at least one clock cycle to allow another data
transfer cycle to occur.
The first bit of MOSI is the R/W bit, receiving a logic high for this bit allows data to be read from the
VMusic3.The second bit is the address bit, ADD, this bit is used to select reading data from the data
register when set to logic high, or from the status register when set to logic low. During an SPI Read
cycle a package of data is transmitted from the VMusic3 on the MISO line from the time of the first clock
cycle after the SPI ADD bit, with the MSB transmitted first.
After the data has been transferred the status of MISO can be checked to determine if the data read is
new data that has not been read before, which is indicated by a transmitted logic low. Otherwise if old
data is being transmitted, which is indicated by a transmitted logic high, the read cycle needs to be
repeated to get new data.
SCLK
SS#
MOSI
MISO
Figure 7.2 – VMusic3 SPI Waveforms
To start the data transfer process SPI SS# needs to be set high, and remain high for the entire write
cycle. Once the write cycle SPI completes SS# needs to be set low for at least one clock cycle to allow
another data transfer cycle to occur. The first bit of MOSI is the R/W bit, receiving a logic low for this bit
allows data to be written to the VMusic3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com