Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMUSIC3 Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # VMUSIC3
Description  Future Technology Devices International
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VMUSIC3 Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  VMUSIC3 Datasheet HTML 1Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 2Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 3Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 4Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 5Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 6Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 7Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 8Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Use of FTDI devices in life support and/or safety applications is entirely at the user’s risk, and the user agrees
to defend, indemnify and hold harmless FTDI from any and all damages, claims, suits or expense resulting
from such use.
VMusic3
Version 1.0
Document Reference No.: FT_000738
Clearance No.: FTDI#
336
Future Technology
Devices International
Ltd
Datasheet
VMusic3 Vinculum-II
Application Module
VMusic3 is a USB host and MP3/WMA Player application module with an enclosure. The
default firmware of the VMusic3 supports audio playback and UART/SPI communications
with the embedded USB host controller and USB host port. VMusic3 can be used to read
MP3 and other audio format files from a USB flash disk process the data and output the
stereo audio through the line-out header and headphone jack.
1
Introduction
VMusic3 is designed to support quick and easy
integration of a UART/SPI application with a
USB client device. VMusic3 also supports
playback of MP3 and WMA. The VMusic3 is
packaged in a neat enclosure displaying a bi-
colour LED, making it suitable for
incorporating into finished product designs.
The VMusic3 utilises FTDI’s Vinculum-II (VNC2-
48L1B) dual USB host controller IC. This IC is a
microcontroller and USB host controller; it can
be reprogrammed using the UART interface or
the Vinculum-II debugger module interface
connecter. The default firmware used is
V2MSC, this firmware supports the UART/SPI
to USB host interface and MP3 playback. This
firmware can be modified or replace with
another firmware.
The VMusic3 also utilises VLSI Solution’s
VS1053b compressed audio codec to provide
the audio play back feature. This chip operates
with the Vinculum-II and supporting firmware
when reading MP3 and WMA files from a USB
flash drive. The VS1053b processes this data
and outputs the stereo audio to the headphone
jack and line-out header. Connecting
headphones or speakers to either of these
ports transduces the audio data into sound.
For details on the Vinculum-II collateral please
click
http://www.ftdichip.com/Products/ICs/VNC2.htm.
1.1
Features
VMusic3 has the following features:
MP3 and WMA playback
Vinculum-II microcontroller/USB host
controller IC.
USB “A” type socket to connect to USB
client devices.
2mm (0.08”) pitch 8 pin header used for
the UART/SPI interface.
Connects directly and communicates with
a FTDI TTL-232R-3V3-2mm USB-UART
cable.
Jumper selectable UART and SPI
interfaces, both operating 3.3V TTL/CMOS.
Pre-programmed with V2MSC firmware.
Vinculum-II debugger module port under
the enclosure, for changing the firmware
and debugging.
UART programming mode control pins
PROG# and RESET# are connected to an
internal header.
Reprogrammable over USB Port from
flash drive.
The VMusic3 and all components used are
Pb-free (RoHS compliant).


Similar Part No. - VMUSIC3

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VMUSIC2 FTDI-VMUSIC2 Datasheet
994Kb / 8P
BINDING USB TECHNOLOGIES Vinculum VNC1L Module
More results

Similar Description - VMUSIC3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
Future Technology Devices International Ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
Future Technology Devices International Ltd.
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
Future Technology Devices International Ltd.
logo
Bridgetek Pte Ltd.
ME812AU-WH50R BRIDGETEK-ME812AU-WH50R Datasheet
1Mb / 18P
Future Technology Devices International
Version 1.0
logo
Future Technology Devic...
ME813AU-WH50C FTDI-ME813AU-WH50C Datasheet
1Mb / 17P
Future Technology Devices International
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com