Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMUSIC3 Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # VMUSIC3
Description  Future Technology Devices International
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VMUSIC3 Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  VMUSIC3 Datasheet HTML 1Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 2Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 3Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 4Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 5Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 6Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 7Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 8Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Copyright © 2013 Future Technology Devices International Limited
VMusic3
Version 1.0
Document Reference No.: FT_000738
Clearance No.: FTDI#
336
3.3
Interface Discriptions
Pin No.
Name
Type
Description
1
GND
PWR
Signal ground
2
RTS#
Output
Request To Send control output – Handshake signal
3
5V0
PWR
5V supply input
4
RXD
Input
Receive asynchronous data input
5
TXD
Output
Transmit asynchronous data output
6
CTS#
Input
Clear To Send control input - Handshake signal
7
NC
-
No Connect
8
RI#/WU
Input
Ring Indicator control input / Wake Up
Table 3.2 – 3.3V TTL/CMOS UART Pin Out
Pin No.
Name
Type
Description
5
CLK
Input
SPI clock input. Maximum frequency: 24MHz.
4
MOSI
Input
SPI slave serial data input
2
MISO
Output
SPI slave serial data output
6
SS#
Input
SPI slave select input
Table 3.3 – 3.3V TTL/CMOS SPI Pin Out
For further details see VNC2 datasheet.
4
VMusic2 and VMusic3 comparisons
The VMusic3 is a drop in replacement for the VMusic2 for the majority of VMusic2 applications. VMusic3
uses firmware called V2MSC which is similar to V2DAP (used in VDRIVE3) with an additional module for
controlling MP3 playback. However for a small number of applications that use SPI, differences exists
between VMUSIC firmware and V2MSC firmware which would require some changes to be made to the
application software. For further details on this discrepancy please see AN_176 - Vinculum Comparison of
VDAP and V2DAP.
Additional features of the VMusic3:
Vinculum-II can be configured by a user defined firmware
VMusic3 has an SPI master interface available (not enabled in V2MSC firmware).
VMusic3’s SPI interface can be clocked up to 24MHz
VMusic3 can be programmed using the debugger-module port in addition to programming using
the UART interface port.
VMusic3 can utilise many of the Vinculum-II sample firmware available on the FTDI website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com