Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMUSIC3 Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # VMUSIC3
Description  Future Technology Devices International
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VMUSIC3 Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button VMUSIC3 Datasheet HTML 2Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 3Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 4Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 5Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 6Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 7Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 8Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 9Page - Future Technology Devices International Ltd. VMUSIC3 Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Copyright © 2013 Future Technology Devices International Limited
VMusic3
Version 1.0
Document Reference No.: FT_000738
Clearance No.: FTDI#
336
6
VMusic3 Commands Details
The command set for the VMusic3 is given in Table 6.1.
For more details on Vinculum commands please see:
http://www.ftdichip.com/Firmware/Precompiled/UM_VinculumFirmware_V205.pdf
Extended Command Set
Short Command Set
(Hexadecimal Codes)
Function
VPF∙file
↵
1D 20 file 0D
Plays a single file
VRF∙file
↵
89 20 file 0D
Repeatedly plays a single file
VST
↵
20 0D
Stops playback
V3A
↵
21 0D
Plays all MP3 files
VRA
↵
8A 0D
Repeatedly plays all MP3 files
VRR
↵
8F 0D
Repeatedly plays random MP3 files
VSF
↵
25 0D
Skip forward one track
VSB
↵
26 0D
Skip back one track
VSD
↵
8E 0D
Skip forward on whole directory
VP
↵
8B 0D
Pause playback
VF
↵
8C 0D
Fast forward 5 seconds
VB
↵
8D 0D
Rewind 5 seconds
VRD∙byte
↵
1F 20 byte 0D
Reads command register
VWR∙byte+word
↵
1E 20 byte word 0D
Writes command register
VSV∙byte
↵
88 20 byte 0D
Sets playback volume
Table 6.1 – V2MSC Command Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com