Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD511B1 Datasheet(PDF) 65 Page - STMicroelectronics

Part # PSD511B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD511B1 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button PSD511B1 Datasheet HTML 61Page - STMicroelectronics PSD511B1 Datasheet HTML 62Page - STMicroelectronics PSD511B1 Datasheet HTML 63Page - STMicroelectronics PSD511B1 Datasheet HTML 64Page - STMicroelectronics PSD511B1 Datasheet HTML 65Page - STMicroelectronics PSD511B1 Datasheet HTML 66Page - STMicroelectronics PSD511B1 Datasheet HTML 67Page - STMicroelectronics PSD511B1 Datasheet HTML 68Page - STMicroelectronics PSD511B1 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 153 page
background image
PSD5XX Family
62
Power
Management
Unit
(Cont.)
Port Configuration
Pin Status
I/O Port
Unchanged
ZPLD Output
Depend on Inputs to the ZPLD
Address Out
Undefined
Data Port
Tri-stated
Special Function Out
Depending on Status of Clock Input
Peripheral I/O
Tri-stated
Table 20. I/O Pin Status During Power Down And Sleep Mode
t Input Clock
The PSD5XX provides the option to turn off the clock inputs to save AC power
consumption. The clock input (CLKIN) is used as a source for driving the following
modules:
t ZPLD Array Clock Input
t ZPLD MacroCell Clock Flip Flop
t APD Counter Clock
t Counter/Timers Clock
During power down or if any of the modules are not being used the clock to these
modules should be disabled. To reduce AC power consumption, it is especially important
to disable the clock input to the ZPLDS array if it is not used as part of a logic equation.
The ZPLD Array Clock can be disabled by setting PMMR0 bit 5 (ZPLD ACLK). The ZPLD
MacroCell Clock Input can be disabled by setting PMMR0 bit 6 (ZPLD RCLK). The Timer
Clock can be disabled by setting PMMR0 bit 7 (TMR CLK). The APD Counter Clock
will be disabled automatically if Power Down or Sleep Mode is entered through the APD
unit. The input buffer of the CLKIN input will be disabled if bits 5 – 7 PMMR0 are set and
the APD has overflowed.
The Counter/Timers can operate in Sleep Mode if the TMR CLK bit is low, but the power
consumption will be based on the frequency of operation (CLKIN frequency).
NOTES: 1. Power Down does not affect the operation of the ZPLD. The ZPLD operation in this mode is based
only on the ZPLD_Turbo Bit.
2. In Sleep Mode any input to the ZPLD will have a propagation delay of tLVDV2.
3. PLD recovery time to normal operation after exiting Sleep Mode. An input to the ZPLD during the
transition will have a propagation delay time of tLVDV3.
PLD
PLD
Access
Access
Propagation
Recovery
Time
Recovery
Delay
Time To
Time To
Normal
Normal
Operation
Access
Power Down
Normal t PD
0
No Access
t LVDV
(Note 1)
Sleep
t LVDV2
t LVDV3
No Access
t LVDV1
(Note 2)
(Note 3)
Summary of PSD5XX Timing and Standby Current During Power Down
and Sleep Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com