Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD511B1 Datasheet(PDF) 46 Page - STMicroelectronics

Part # PSD511B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD511B1 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button PSD511B1 Datasheet HTML 42Page - STMicroelectronics PSD511B1 Datasheet HTML 43Page - STMicroelectronics PSD511B1 Datasheet HTML 44Page - STMicroelectronics PSD511B1 Datasheet HTML 45Page - STMicroelectronics PSD511B1 Datasheet HTML 46Page - STMicroelectronics PSD511B1 Datasheet HTML 47Page - STMicroelectronics PSD511B1 Datasheet HTML 48Page - STMicroelectronics PSD511B1 Datasheet HTML 49Page - STMicroelectronics PSD511B1 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 153 page
background image
PSD5XX Family
43
Control Register
This register is used in both Standard MCU I/O Mode and Address Out modes. For setting
a Standard MCU I/O Mode, a “1” must be written to the corresponding bit in the register.
Writing a “0” to the register is required for the Address Out mode. The register has a default
value of “0” after reset.
Direction Register
This register is used to control the direction of data flow in the I/O ports. Writing a “1” to
the corresponding bit in the register configures the port to be an output port, and a “0”
forces the port to be an input port. The I/O configuration of the port pins can be determined
by reading the Direction Register. After reset, the pins are in input mode.
Open Drain Register
This register determines whether the output pin driver of Port C or D is a CMOS driver or
an Open Drain driver. Writing a “0” to the register selects a CMOS driver, while a “1” selects
an Open Drain driver.
Special Function Register
Writing a “1” bit to this register sets up the corresponding pin to operate in Special Function
Out mode.
PLD – I/O Register
This is a read only status register. Reading a "1" indicates the corresponding pin is
configured as a PLD pin. A "0" indicates the pin is an I/O pin.
Data In Register
This register is used in the Standard MCU I/O Mode configuration to read the input pins.
Data Out Register
This register holds the output data in the Standard MCU I/O Mode. The contents of the
register can also be read.
Macrocell Out Register
This register enables the user to read the outputs of the GPLD macrocell (PA, PB, and PE
macrocells).
I/O Register Address Offset
The I/O Register can be accessed by the microcontroller during normal read/write bus
cycles. The address of a register is defined as:
CSIOP + register address offset
The CSIOP is the base address that is defined in the ABEL file and occupies a 256 byte
space. The register address offset lies within this 256 byte space. Tables 15 and 15a are
the address offset of the registers.
I/O Ports
(Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com