Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD511B1 Datasheet(PDF) 43 Page - STMicroelectronics

Part # PSD511B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD511B1 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button PSD511B1 Datasheet HTML 39Page - STMicroelectronics PSD511B1 Datasheet HTML 40Page - STMicroelectronics PSD511B1 Datasheet HTML 41Page - STMicroelectronics PSD511B1 Datasheet HTML 42Page - STMicroelectronics PSD511B1 Datasheet HTML 43Page - STMicroelectronics PSD511B1 Datasheet HTML 44Page - STMicroelectronics PSD511B1 Datasheet HTML 45Page - STMicroelectronics PSD511B1 Datasheet HTML 46Page - STMicroelectronics PSD511B1 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 153 page
background image
PSD5XX Family
40
9.3.3 Address Out
For microcontrollers with a multiplexed address/data bus, the I/O ports in Address-Out
mode are able to provide latched address outputs (A0 – A15) to external devices. This
mode of operation requires the user to:
t Configuration
1. Declare the pins used as address line outputs in the ABEL file PSDsoft.
2. Write “0” to the corresponding bit in the Control Register associated
with each I/O port.
3. Set the Direction Register to Output Mode.
9.3.4 Address In
1. For Port A – as other address line (A2 – A7 and A16 – A23) inputs to the DPLD.
Additional address inputs included in the EPROM decoding must come from Port A.
The address inputs are latched internally by ALE/AS if Multiplexed Bus is specified in
PSDsoft.
2. For Ports C and D – as adress inputs to the ZPLD for general decoding, should not be
used in EPROM decoding.
t Configuration
1. Declare pins or signals used as Address In in the ABEL file (PSDsoft).
2. Write latch equations in the ABL file, e.g., A16.LE = ALE
3. Include latched address in logic equations.
9.3.5 Data Port
In this mode, the port is acting as a data bus port for a microcontroller which has a
non-multiplexed address/data bus. In this configuration, the Data Port is connected to the
data bus of the microcontroller and the ADIO port is connected to the address bus.
t Configuration
Select the non-multiplexed bus option in PSD configuration (PSDsoft).
9.3.6 Special Function Out
This mode is per-pin configurable. When enabled, the special function assigned to the
particular pin is driven out. Special functions consist of Timer and Interrupt outputs.
t Configuration
1. Specify the output function in the PSD configuration (PSDsoft).
2. PSD compiler assigns pins for the selected function.
3. Write “1” to the corresponding bit in the Special Function Register.
I/O Ports
(Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com