Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD511B1 Datasheet(PDF) 84 Page - STMicroelectronics

Part # PSD511B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD511B1 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button PSD511B1 Datasheet HTML 80Page - STMicroelectronics PSD511B1 Datasheet HTML 81Page - STMicroelectronics PSD511B1 Datasheet HTML 82Page - STMicroelectronics PSD511B1 Datasheet HTML 83Page - STMicroelectronics PSD511B1 Datasheet HTML 84Page - STMicroelectronics PSD511B1 Datasheet HTML 85Page - STMicroelectronics PSD511B1 Datasheet HTML 86Page - STMicroelectronics PSD511B1 Datasheet HTML 87Page - STMicroelectronics PSD511B1 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 153 page
background image
PSD5XX Family
81
Address
Register Name
Address
Register Name
Offset
Offset
+A9h
STATUS FLAGS
+A8h
GLOBAL COMMAND
+A6h
DLCY
+A5h
SOFTWARE LOAD/STORE
+A4h
FREEZE COMMAND
+A3h
CMD3
+A2h
CMD2
+A1h
CMD1
+A0h
CMD0
+9Fh
CNTR3
+9Eh
CNTR3
+9Dh
CNTR2
+9Ch
CNTR2
+9Bh
CNTR1
+9Ah
CNTR1
+99h
CNTR0
+98h
CNTR0
+97h
IMG3
+96h
IMG3
+95h
IMG2
+94h
IMG2
+93h
IMG1
+92h
IMG1
+91h
IMG0
+90h
IMG0
Table 23. Offset Address Map of Counter/Timer-Unit Registers
Counter/Timer
Operation
(Cont.)
9.6.2 Counter/Timer Registers
Registers CNTR0,CNTR1,CNTR2 and CNTR3 serve as actual counting logic. Registers
IMG0,IMG1,IMG2 and IMG3 serve as images of these Counter/Timers. Depending upon the
selected mode of operation, a Counter can load a new value or transfer its content to the
image register. Registers IMG0 - IMG3 and CNTR0 - CNTR3 are accessible to the
Microcontroller only before setting the start bit (Bit 1 in the Global Command Register).
When CNTR0-CNTR3 are active, the value in the read operation is not guaranteed to be
stable and during a write operation there could be contention between the image register
write and microcontroller write. Therefore the access of registers CNTR0-CNTR3 should
be suspended when the Counter/Timers are active. Only IMG0, IMG1, IMG2 and IMG3
registers are accessible when the Counter/Timers are active.
Tables 23 and 23a give the address map for the various port and Counter/Timer-unit
registers. This address offset map is of the host processor, relative to CSIOP (Chip Select
Input Output Port) i.e. address space allocated by the host Microcontroller to access all the
PSD5XX embedded peripherals.
Table 23a is for 16-bit Motorola Microcontrollers which require different address offsets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com