Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD511B1 Datasheet(PDF) 87 Page - STMicroelectronics

Part # PSD511B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD511B1 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button PSD511B1 Datasheet HTML 83Page - STMicroelectronics PSD511B1 Datasheet HTML 84Page - STMicroelectronics PSD511B1 Datasheet HTML 85Page - STMicroelectronics PSD511B1 Datasheet HTML 86Page - STMicroelectronics PSD511B1 Datasheet HTML 87Page - STMicroelectronics PSD511B1 Datasheet HTML 88Page - STMicroelectronics PSD511B1 Datasheet HTML 89Page - STMicroelectronics PSD511B1 Datasheet HTML 90Page - STMicroelectronics PSD511B1 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 153 page
background image
PSD5XX Family
84
9.6.2.2 Command Registers for Counter/Timers CMD0, CMD1, CMD2, CMD3:
Each of the Counter/Timer units (CTU) has one Command Register associated with it.
A description of these various CTU command bits is provided below. Refer to CSIOP
Tables 23 and 24 for their addresses and selection details. Figure 43 describes the
Command Register bits.
The following is the description of Counter/Timer0 CMD0 register bits. Bits in CMD1, CMD2
and CMD3 have similar descriptions. Refer to Figure 43 also.
Counter/Timer
Registers
(Cont.)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Enable/
Software
Pin /
Input
Output
Select
Increment /
Mode
Disable
Gating
PPLD
Polarity
Polarity
Counter
Decrement
Select
Using
Bit for
Macrocell
Pin,
Load /
PPLD
Store cmd
Macrocell
Using Pin
or
or PPLD
Software
Macrocell
NOTES: 1. At RESET these bits come up as 0s.
2. In WatchDog Mode, CMD2 register bits are Don’t Cares.
Mode Select Bit (0):
This bit selects the Counter/Timer0 operation mode. After
RESET Counter/Timer0 initializes in waveform/event count
mode. When this bit is set to
1: The Counter/Timer0 operates in Pulse/Time capture
modes.
0: The Counter/Timer0 operates in Waveform/Event count
modes.
NOTE: See Table 24 for details of Timer mode set up.
Increment/Decrement Bit (1): This bit is used to set the Counter/Timer in increment or
decrement mode. The RESET state is Decrement mode.
When this bit is set to
1: The Counter/Timer0 is in increment mode.
0: The Counter/Timer0 is in decrement mode.
NOTE: In WatchDog mode Counter #2 is in decrement
mode only.
Select Counter Bit (2):
This bit is used to select or deselect Counter/Timer0.
At RESET this bit initializes as 0 which means
Counter/Timer0 is deselected. When this bit is set to
1: Counter/Timer0 is selected (counting enabled).
0: Counter/Timer0 is deselected (counting disabled).
After a Counter/Timer is started by the Global Command Register, it can be re-configured by
changing the individual Command Register. The steps to re-configure a Counter/Timer are:
1. Disable the Counter/Timer by writing a “0” to the Select Counter Bit (bit 2) of the
Command Register.
2. Change the Counter/Timer configuration by writing the new value (bit 2 remains at “0”)
to the Command Register.
3. Enable the Counter/Timer again by writing the new value with bit 2 set to “1” to the
Command Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com