Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD511B1 Datasheet(PDF) 121 Page - STMicroelectronics

Part # PSD511B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD511B1 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button PSD511B1 Datasheet HTML 117Page - STMicroelectronics PSD511B1 Datasheet HTML 118Page - STMicroelectronics PSD511B1 Datasheet HTML 119Page - STMicroelectronics PSD511B1 Datasheet HTML 120Page - STMicroelectronics PSD511B1 Datasheet HTML 121Page - STMicroelectronics PSD511B1 Datasheet HTML 122Page - STMicroelectronics PSD511B1 Datasheet HTML 123Page - STMicroelectronics PSD511B1 Datasheet HTML 124Page - STMicroelectronics PSD511B1 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 153 page
background image
PSD5XX Family
118
Microcontroller Interface – AC/DC Parameters (5 V ± 10% Versions)
-70
-90**
-15
ZPLD_TURBO
Symbol
Parameter
Conditions
Min Max
Min Max
Min Max
OFF
*
Unit
tLVDV
ALE Access Time from
Power Down
100
120
150
Add 10
ns
tLVDV1
ALE or CSI Access Time
from Sleep
120
150
200
0
ns
tLVDV2
ZPLD Propagation Delay
in Sleep Mode
600
600
600
0
ns
tLVDV3
ZPLD Recovery Time
after Sleep Mode
250
250
250
0
ns
tCHCL
APD Clock High Time
Using PE7
10
12
15
0
ns
tCLCH
APD Clock Low Time
Using PE7
10
12
15
0
ns
fMAX
APD Maximum Frequency
Using PE7
35.00
30.00
22.00
0
MHz
t1
RESET Active Low Time
150
200
300
0
ns
t2
RESET High to
Operational Device
150
200
300
0
ns
Power Down and Reset Timing (5 V ± 10%)
**If ZPLD_TURBO is off and the ZPLD is operating above 15 MHz, there is no need to add 10 ns to the timing parameters.
**The -90 speed is available only on Industrial Temperature Range product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com