Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H250D Datasheet(PDF) 13 Page - OSRAM GmbH

Part # H250D
Description  POWERSTAR® HQI®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

H250D Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button H250D Datasheet HTML 9Page - OSRAM GmbH H250D Datasheet HTML 10Page - OSRAM GmbH H250D Datasheet HTML 11Page - OSRAM GmbH H250D Datasheet HTML 12Page - OSRAM GmbH H250D Datasheet HTML 13Page - OSRAM GmbH H250D Datasheet HTML 14Page - OSRAM GmbH H250D Datasheet HTML 15Page - OSRAM GmbH H250D Datasheet HTML 16Page - OSRAM GmbH H250D Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1
TS 44842 OSRAM / POWERSTAR HQI 106 T001 GB
4/24.5.2007
HQI-E
HQI-E
HQI-E
HQI-E
100 W
100 W
100 W
100 W
WDL
WDL
NDL
NDL
clear
coated
clear
coated
for open luminaires
for open luminaires
for open luminaires
for open luminaires
Type
UVS
UVS
UVS
UVS
ILCOS
MCS/UB-100/30/
MES/UB-100/29/
MCS/UB-100/40/
MES/UB-100/38/
1B-H-E27-55/144
1B-H-E27-55/144
1B-H-E27-55/144
1B-H-E27-55/144
Lamp wattage
W
100
100
100
100
Lamp voltage
V
95
95
95
95
Ignition voltage min./max.
kVs
3.6/5
3.6/5
3.6/5
3.6/5
Lamp current
A
1.1
1.1
1.1
1.1
Nominal luminous flux
lm
8500
7900
8400
7700
Luminous efficacy
lm/W
85
79
84
77
Light colour/Colour appearance
WDL
WDL
NDL
NDL
Colour temperature
K
3000
2900
4200
4000
Colour rendering index
Ra
85
80
70
70
NIOSH Skin
h
> 50
> 50
> 50
> 50
ACGIH UV output
mW/lm² · 1000 lx
< 0.04
< 0.04
< 0.03
< 0.04
Base
E27
E27
E27
E27
Diameter d
mm
55
55
55
55
Length max. I
mm
144
144
144
144
LCL a
mm
92
–
92
–
Burning position
universal
universal
universal
universal
Average lamp life
h
9000
9000
6000
6000
Max. perm. outer bulb temp.
°C
330
330
330
330
Max. perm. base edge temp.
°C
190
190
190
190
PF corr. cap. at 50 Hz
µF
16
16
16
16
Lamp reference
HQI-E
HQI-E
HQI-E
HQI-E
100W/WDL clear
100W/WDL coated
100W/NDL clear
100W/NDL coated
EAN
4050300351537
4050300351551
4050300345871
4050300345833
Standard pack
Qty
20
20
20
20
Figure
No.
1
2
1
2
Circuit (see page 22)
Fig. no.
2
2
2
2
1
2
Survival rate HQI 100 W/WDL
Hours burned
100
90
80
70
60
50
2000
4000
6000
8000
0
Luminous flux behaviour HQI 100 W/WDL
Hours burned
100
90
80
70
60
50
2000
4000
6000
8000
0
Survival rate HQI 100 W/NDL
Hours burned
100
90
80
70
60
50
2000
4000
6000
8000
0
Luminous flux behaviour HQI 100 W/NDL
Hours burned
100
90
80
70
60
50
2000
4000
6000
8000
0
POWERSTAR® HQI®-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com