Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H250D Datasheet(PDF) 4 Page - OSRAM GmbH

Part # H250D
Description  POWERSTAR® HQI®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

H250D Datasheet(HTML) 4 Page - OSRAM GmbH

  H250D Datasheet HTML 1Page - OSRAM GmbH H250D Datasheet HTML 2Page - OSRAM GmbH H250D Datasheet HTML 3Page - OSRAM GmbH H250D Datasheet HTML 4Page - OSRAM GmbH H250D Datasheet HTML 5Page - OSRAM GmbH H250D Datasheet HTML 6Page - OSRAM GmbH H250D Datasheet HTML 7Page - OSRAM GmbH H250D Datasheet HTML 8Page - OSRAM GmbH H250D Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
TS 44842 OSRAM / POWERSTAR HQI 106 T001 GB
4/24.5.2007
HQI-T
HQI-BT
HQI-BT
HQI-T
HQI-T
250 W
400 W
400 W
400 W
400 W
D
D
D
N
N
Type
UVS
UVS, NAV-VG
UVS, HQI-VG
UVS, NAV-VG
UVS, HQI-VG
ILCOS
MT/UB-250/53/
MC/UB-400/52/
MC/UB-400/59/
MT/UB-400/35/
MT/UB-400/40/
1A-H-E40-46/225
1A-H-E40-62/285
1A-H-E40-62/285
2B-H-E40-46/273/P45 2B-H-E40-46/273/P45
Lamp wattage
W
250
420
360
430
380
Lamp voltage
V
100
120
120
120
120
Ignition voltage min./max.
kVs
3/5
3/5
3/5
3.6/5
3.6/5
Lamp current
A
3
4
3.5
4.0
3.6
Nominal gear current
A
–
4.6
3.5
4.6
3.5
Nominal luminous flux
lm
20000
35000
27000
42000
34000
Luminous efficacy
lm/W
82
83
75
98
89
Light colour/Colour appearance
D
D
D
N
N
Colour temperature
K
5200
5200
5900
3500
4000
Colour rendering index
Ra
90
90
90
> 65
> 60
NIOSH Skin
h
> 50
> 50
> 50
> 45
> 45
ACGIH UV output
mW/lm² · 1000 lx
< 0.08
< 0.06
< 0.06
< 0.19
< 0.19
Base
E40
E40
E40
E40
E40
Diameter d
mm
46
62
62
46
46
Length max. I
mm
225
285
285
275
275
LCL a
mm
150
175
175
175
175
Burning position
universal
universal
universal
p 45
p 45
Average lamp life
h
12000
12000
12000
12000
12000
Max. perm. outer bulb temp.
°C
500
500
500
500
500
Max. perm. base edge temp.
°C
250
250
250
250
250
PF corr. cap. at 50 Hz
µF
32
45
35
45
35
Lamp reference
HQI-T 250W/D
HQI-T 400W/D
HQI-T 400W/D
HQI-T 400W/N
HQI-T 400W/N
EAN
4050300015293
4050300468471
4050300468471
4050300324647
4050300324647
Standard pack
Qty
12
12
12
12
12
Figure
No.
1
2
2
1
1
Circuit (see page 22)
Fig. no.
2
2
2
2
2
1
2
Survival rate HQI 250 W/D
Hours burned
100
90
80
70
60
50
2000
4000
6000
8000
0
10000
12000
Survival rate HQI 400 W/D
Hours burned
100
90
80
70
60
50
2000
4000
6000
8000
0
10000
12000
Luminous flux behaviour HQI 250 W/D
Hours burned
2000
4000
6000
8000
0
10000
12000
100
90
80
70
60
50
Luminous flux behaviour HQI 400 W/D
Hours burned
2000
4000
6000
8000
0
10000
12000
100
90
80
70
60
50
Survival rate HQI 400 W/N
Hours burned
100
90
80
70
60
50
2000
4000
6000
8000
0
10000
12000
Luminous flux behaviour HQI 400 W/N
Hours burned
2000
4000
6000
8000
0
10000
12000
100
90
80
70
60
50
POWERSTAR® HQI®-T, BT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com