Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H250D Datasheet(PDF) 21 Page - OSRAM GmbH

Part # H250D
Description  POWERSTAR® HQI®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

H250D Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button H250D Datasheet HTML 16Page - OSRAM GmbH H250D Datasheet HTML 17Page - OSRAM GmbH H250D Datasheet HTML 18Page - OSRAM GmbH H250D Datasheet HTML 19Page - OSRAM GmbH H250D Datasheet HTML 20Page - OSRAM GmbH H250D Datasheet HTML 21Page - OSRAM GmbH H250D Datasheet HTML 22Page - OSRAM GmbH H250D Datasheet HTML 23Page - OSRAM GmbH H250D Datasheet HTML 24Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
TS 44842 OSRAM / POWERSTAR HQI 106 T001 GB
4/24.5.2007
Start-up behaviour (average value)
0
1
2

4
min
180
160
140
120
100
80
60
40
20
POWERSTAR HQI-T ʺ 150 W with POWERTRONIC
Start-up time
0
1
2

4
min
180
160
140
120
100
80
60
40
20
POWERSTAR HQI-T ʺ 150 W
Start-up time
PL
UL
IL
Φ
POWERSTAR HQI-TS 70 W…1000 W with CCG
0
1
2

4
min
Start-up time
PL
UL
IL
180
160
140
120
100
80
60
40
20
Φ
POWERSTAR Neutral White 1000 W
and 2000 W with CCG
0
1
2

4
min
Start-up time
PL
UL
IL
180
160
140
120
100
80
60
40
20
Φ
POWERSTAR Daylight 2000 W with CCG
0
1
2

4
min
Start-up time
PL
UL
IL
180
160
140
120
100
80
60
40
20
Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com