Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H250D Datasheet(PDF) 17 Page - OSRAM GmbH

Part # H250D
Description  POWERSTAR® HQI®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

H250D Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button H250D Datasheet HTML 13Page - OSRAM GmbH H250D Datasheet HTML 14Page - OSRAM GmbH H250D Datasheet HTML 15Page - OSRAM GmbH H250D Datasheet HTML 16Page - OSRAM GmbH H250D Datasheet HTML 17Page - OSRAM GmbH H250D Datasheet HTML 18Page - OSRAM GmbH H250D Datasheet HTML 19Page - OSRAM GmbH H250D Datasheet HTML 20Page - OSRAM GmbH H250D Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
TS 44842 OSRAM / POWERSTAR HQI 106 T001 GB
5/29.5.2007
POWERSTAR® HQI®-E
1
HQI-E
HQI-E
HQI-E
HQI-E
HQI-E
400 W
400 W
400 W
400 W
1000 W
N
N
N
N
N
clear
clear
coated
coated
coated
Type
NAV-VG
HQI-VG
NAV-VG
HQI-VG
ILCOS
MC/UB-400/40=46/
MC/UB-400/40=46/
ME/UB-400/38=44/
ME/UB-400/38=44/
ME-1000/37/
2B-H-E40-120/285/H45 2B-H-E40-120/285/H45 2B-H-E40-120/285/H45 2B-H-E40-120/285/H45 2B-H-E40-165/380/H45
Lamp wattage
W
440
380
440
380
1050
Lamp voltage
V
120
120
120
120
130
Ignition voltage min./max.
kVs
3.6/5
3.6/5
3.6/5
3.6/5
4/5
Lamp current
A
4
3.4
4
3.4
9.0
Nominal gear current
A
4.6
3.5
4.6
3.5
9.5
Nominal luminous flux
lm
42000
34000
40000
34000
100000
Luminous efficacy
lm/W
94
90
94
90
91
Light colour/Colour appearance
N
N
N
N
N
Colour temperature
K
4000
4600
3800
4400
3800
Colour rendering index
Ra
65
60
65
60
65
NIOSH Skin
h
> 5.7
> 5.7
> 5.7
> 5.7
> 15
ACGIH UV output
mW/lm2 · 1000 lx
< 1.5
< 1.5
< 1.5
< 1.5
< 0.56
Base
E40
E40
E40
E40
E40
Diameter d
mm
120
120
120
120
165
Length max. I
mm
285
285
285
285
380
LCL a
mm
198
198
–
–
–
Burning position
h45
h45
h45
h45
h 45
Average lamp life
h
12000
12000
12000
12000
9000
Max. perm. outer bulb temp.
°C
500
500
500
500
400
Max. perm. base edge temp.
°C
250
250
250
250
250
PF corr. cap. at 50 Hz
µF
45
35
45
35
85
Lamp reference
HQI-E
HQI-E
HQI-E
HQI-E
HQI-E
400W/N clear
400W/N clear
400W/N
400W/N
1000W/N
EAN
4050300292632
4050300292632
4050300305431
4050300305431
4050300015279
Standard pack
Qty
12
12
12
12
6
Figure
No.
1
1
2
2
2
Circuit (see page 22)
Fig. no.
2
2
2
2
2
Survival rate HQI 400 W/N
Hours burned
100
90
80
70
60
50
2000
4000
6000
8000
0
10000
12000
Luminous flux behaviour HQI 400 W/N
Hours burned
2000
4000
6000
8000
0
10000
12000
100
90
80
70
60
50
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com