Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H250D Datasheet(PDF) 22 Page - OSRAM GmbH

Part # H250D
Description  POWERSTAR® HQI®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

H250D Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button H250D Datasheet HTML 16Page - OSRAM GmbH H250D Datasheet HTML 17Page - OSRAM GmbH H250D Datasheet HTML 18Page - OSRAM GmbH H250D Datasheet HTML 19Page - OSRAM GmbH H250D Datasheet HTML 20Page - OSRAM GmbH H250D Datasheet HTML 21Page - OSRAM GmbH H250D Datasheet HTML 22Page - OSRAM GmbH H250D Datasheet HTML 23Page - OSRAM GmbH H250D Datasheet HTML 24Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
TS 44842 OSRAM / POWERSTAR HQI 106 T001 GB
4/24.5.2007
Circuit diagrams
1
2
UN
D
F
K
ZS
LH
LH

4
POWERTRONIC PTU
(all)
L
N
LH
LL
5
B
= 6A fuse, slow
acting
D
= Choke
F
= Protection on
demand
K
= PF correction
capacitor
K+S = Time-limiting switch
and contactor
L
= Lamp
LH
= High-voltage
terminal
Mp = Neutral conductor
Sch = Switch
UN = 20 V ac
mains voltage
(for 2000 W =
400 V ac)
Z
= Igniter to be
installed near the
lamp
ZL = HF igniter lead to
contact plate of
lamp
ZS
= Symmetrical hot
restrike ignitor with
automatic ignition
For power supplies with a neutral conductor the choke
should be connected to the live conductor.
The right igniter for the particular lamp type must be
used to ensure reliable and safe ignition.
Chokes, holder, capacitors and igniters are available
from electrical suppliers.
Base
G22
IEC 7004-75
8.5
G 8.5
Burning positions
s 5
Permitted
Not permitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com