Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30239 Datasheet(PDF) 16 Page - Wiha Tools

Part # 30239
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30239 Datasheet(HTML) 16 Page - Wiha Tools

Back Button 30239 Datasheet HTML 12Page - Wiha Tools 30239 Datasheet HTML 13Page - Wiha Tools 30239 Datasheet HTML 14Page - Wiha Tools 30239 Datasheet HTML 15Page - Wiha Tools 30239 Datasheet HTML 16Page - Wiha Tools 30239 Datasheet HTML 17Page - Wiha Tools 30239 Datasheet HTML 18Page - Wiha Tools 30239 Datasheet HTML 19Page - Wiha Tools 30239 Datasheet HTML 20Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
16
Toll Free: (800) 494-6104
13 Piece 3K Ergo Inch Ball End
Hex Screwdriver Set Blades of CVM special
steel, hardened, black finish. Molded on
Wiha-3k Ergo soft grip handles.
Item
Hex Inch: .050,
No.
1/16, 5/64, 3/32, 7/64
lbs.
46797
1/8, 9/64, 5/32, 3/16,
2.40
7/32, 1/4, 5/16, 3/8”
46797
8 Piece 3K Ergo Inch Ball End
Hex Screwdriver Set
Item
Hex Inch:
No.
.050, 1/16, 5/64, 3/32,
lbs.
46793
7/64, 1/8, 9/64, 5/32”
1.19
Ball End Hex Inch Drivers, With 3K Ergo Soft Grip Handles
Blades of CVM special steel, hardened, black finish. Molded on Wiha-3K Ergo soft grip handles.
Item
No.
Inch
Inch
mm
Inch
mm
lbs.
pkg.
46702
.050
2.9
75
6.3
160
.07
10
46704
1/16
2.9
75
6.3
160
.07
10
46706
5/64
3.9
100
7.3
185
.07
10
46708
3/32
3.9
100
7.3
185
.07
10
46710
7/64
3.9
100
7.3
185
.07
10
46712
1/8
3.9
100
7.7
196
.09
10
46714
9/64
3.9
100
7.7
196
.10
10
46716
5/32
3.9
100
7.7
196
.11
10
46722
7/32
5.9
150
10.0 254
.19
10
46724
1/4
5.9
150
10.0 254
.22
10
46726
5/16
7.9
200
12.0 305
.34
10
46728
3/8
7.9
200
12.5 318
.48
10
467
Inch / Soft Grip
Yellow = Inch
Red = Metric
46793
6 Piece 3K Ergo Inch Ball End Hex
Screwdriver set
Item
Hex Inch:
No.
1/8, 9/64, 5/32,
lbs.
46794
3/16, 7/32, 1/4”
.97
46794
· Soft panel grip
· Convenient hang hole
· Hardened CVM tool steel
· Exact fit precision machined tips
Ball End Hex Metric Screwdriver, With Wiha-3K Ergo Handle
Blades of CVM special steel, hardened, black finish. Molded on Wiha-3K Ergo soft grip handles.
Item
No.
mm
mm
Inch
mm
Inch
lbs.
pkg.
46715
1.5
75
3.0
161
6.3
.07
10
46720
2.0
100
3.9
186
7.3
.07
10
46725
2.5
100
3.9
186
7.3
.07
10
46730
3.0
100
3.9
186
7.3
.07
10
46740
4.0
100
3.9
197
7.8
.11
10
46750
5.0
100
3.9
197
7.8
.13
10
46760
6.0
150
5.9
257
10.1
.21
10
46786
10.0
200
8.0
319
12.6
.52
10
467
Metric / Soft Grip
For angle
entry
Wiha Ball End 3K Series Screwdrivers & Sets
Fast angle entry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com