Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30239 Datasheet(PDF) 8 Page - Wiha Tools

Part # 30239
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30239 Datasheet(HTML) 8 Page - Wiha Tools

Back Button 30239 Datasheet HTML 4Page - Wiha Tools 30239 Datasheet HTML 5Page - Wiha Tools 30239 Datasheet HTML 6Page - Wiha Tools 30239 Datasheet HTML 7Page - Wiha Tools 30239 Datasheet HTML 8Page - Wiha Tools 30239 Datasheet HTML 9Page - Wiha Tools 30239 Datasheet HTML 10Page - Wiha Tools 30239 Datasheet HTML 11Page - Wiha Tools 30239 Datasheet HTML 12Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
Toll Free: (800) 494-6104
Item
Slotted: 3.0, 4.0, 5.5, 6.5, 8.0mm
No.
Phillips: 0, 1, 2
30299
: T6, T8, T10, T15, T20, T25, T30
Square: 1, 2, 3
Pozidriv®: 1, 2
20 Piece Slotted, Phillips,
,
Square & Pozidriv® Set
lbs. 3.27
30299
Wiha SoftFinish® Slotted Spanner Nut Drivers
Item
No.
Size
mm
Inch
mm
mm
mm
Inch
mm
Inch
pkg.
30517
M1.7
80
3.1
0.5
4.0
184
7.2
23
.91
1
30520
M2
80
3.5
1.0
4.5
184
7.2
23
.91
1
30523
M2.3
90
3.5
1.0
5.0
201
7.9
30
1.18
1
30526
M2.6
100
3.9
1.2
5.5
201
7.9
30
1.18
1
30530
M3
100
3.9
1.2
6.0
211
8.3
30
1.18
1
30535
M3.5
100
3.9
1.4
7.0
218
8.6
36
1.42
1
30540
M4
100
3.9
1.4
8.0
218
8.6
36
1.42
1
30550
M5
125
4.9
2.0
10.0
243
9.6
36
1.42
1
30560
M6
125
4.9
2.5
11.0
243
9.6
36
1.42
1
30580
M8
150
5.9
3.0
14.0
274
10.8
41
1.61
1
Slotted Spanner Nut Drivers, With Wiha-SoftFinish® Handle
Round blade high alloy chrome-vanadium-molybdenum steel, hardened, hard chromed.
Wiha-Chromtop finish on tips. Wiha-SoftFinish® handle, multi-component, cushion grips.
305
Item
No.
mm
mm
Size
mm
lbs.
30295
3.0
100
1
80
1.02
4.0
100
2*
100
6.5
150
5 Piece Slotted & Phillips
Screwdriver Set
30295
Wiha SoftFinish® Handle -
Standard Series Sets
Perfect for
measuring small
parts on the go
*Inch & Metric
scale on #2 Phillips
Item
No.
Size
mm
Inch
mm Inch
mm
Inch
mm Inch
lbs. pkg.
31305
0
60
2.4
3.0
.118
164
6.5
23
.91
.06
10
31310
1
80
3.1
4.5
.177
191
7.5
30
1.18
.11
10
31312
1
200
8.0
4.5
.177
311
12.3
30
1.18
.15
10
31315
2
100
3.9
6.0
.236
218
8.6
36
1.42
.20
10
31320
3
150
5.9
8.0
.315
274
10.8
41
1.61
.33
10
Pozidriv® Screwdriver, With Wiha-SoftFinish® Handle
Round blade high alloy chrome-vanadium-molybdenum steel, hardened, hard chromed.
Wiha-Chromtop finish on tips. Wiha-SoftFinish® handle, multi-component, cushion grips.
313
Wiha SoftFinish® Pozidriv®
Wiha SoftFinish®
CushionGrip Drivers
Industrial BiCut SuperCut
& Screwdriver Set
7 Pc. Industrial BiCut SuperCut &
Screwdriver Set
lbs. 1.86
Item No. BiCut SuperCut:
30942
8.0”/200mm BiCut SuperCut
Screwdrivers: Phillips: #0, #1, #2
Slotted: 3.0, 4.0, 6.5mm
30942
Soft Grip BiCut SuperCut
& Screwdriver Set
7 Pc. Soft Grip BiCut SuperCut &
Screwdriver Set
lbs. 1.78
Item No. BiCut SuperCut:
32644
8.0”/200mm BiCut SuperCut
Screwdrivers: Phillips: #0, #1, #2
Slotted: 3.0, 4.0, 6.5mm
32644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com