Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30239 Datasheet(PDF) 39 Page - Wiha Tools

Part # 30239
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30239 Datasheet(HTML) 39 Page - Wiha Tools

Back Button 30239 Datasheet HTML 35Page - Wiha Tools 30239 Datasheet HTML 36Page - Wiha Tools 30239 Datasheet HTML 37Page - Wiha Tools 30239 Datasheet HTML 38Page - Wiha Tools 30239 Datasheet HTML 39Page - Wiha Tools 30239 Datasheet HTML 40Page - Wiha Tools 30239 Datasheet HTML 41Page - Wiha Tools 30239 Datasheet HTML 42Page - Wiha Tools 30239 Datasheet HTML 43Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
39
www.wihatools.com
Drive-Loc VI Inch Nut Driver Blades
High alloy CVM steel, through hardened, hard
chrome finish. OAL blade length 150mm/5.9”.
Blades fit all Drive-Loc VI handles.
Item
No.
Inch
OAL
lbs.
pkg.
28156
3/16
5.9”
.11
1
28157
7/32
5.9”
.11
1
28158
1/4
5.9”
.11
1
28159
9/32
5.9”
.12
1
28160
5/16
5.9”
.13
1
28161
11/32
5.9”
.14
1
28162
3/8
5.9”
.15
1
28163
7/16
5.9”
.17
1
28164
1/2
5.9”
.18
1
281
Drive-Loc VI Metric Nut Driver Blades
High alloy CVM steel, through hardened, hard
chrome finish. OAL blade length 150mm/5.9”.
Blades fit all Drive-Loc VI handles.
Item
No.
mm
OAL
lbs.
pkg.
28168
4.0
150mm
.10
1
28169
4.5
150mm
.10
1
28170
5.0
150mm
.11
1
28171
5.5
150mm
.11
1
28172
6.0
150mm
.12
1
28173
7.0
150mm
.13
1
28174
8.0
150mm
.13
1
28177
9.0
150mm
.14
1
28175
10.0
150mm
.15
1
28176
11.0
150mm
.20
1
281
Extension Blade For Drive-Loc
VI Blades High alloy CVM steel, through
hardened, hard chrome finish. OAL blade
length 6.5”. Blades fit all Drive-Loc VI handles.
Item
No.
mm
OAL
lbs.
pkg.
28144
6.0
150mm
.14
1
28144
28196
8 Pc. Drive-Loc VI Interchangeable
Blade Set, In Durable Pouch
Set includes Drive-Loc VI handle &
7 Inch Nut Driver blades.
Item
lbs.
No. 28196
1.22
Inch: 3/16, 1/4, 5/16, 11/32, 3/8, 7/16, 1/2”
SoftFinish® Cushion Grip Blade Lock Handle
28198
8 Pc. Drive-Loc VI Interchangeable
Blade Set, In Durable Pouch
Set includes Drive-Loc VI handle &
7 Metric Nut Driver blades.
Item
lbs.
No. 28198
1.00
Metric: 5.0, 5.5, 6.0, 7.0, 8.0, 9.0, 10.0mm
SoftFinish® Cushion Grip Blade Lock Handle
Wiha Drive-Loc VI Nut Drivers
For Adjustable Length
Locking Blades
Drive-Loc VI
Locking mechanism in
Wiha SoftFinish® cushion grip
ergonomic handle. Blade length can be adjusted
from 40mm-120mm. (1.7 to 4.7” In 1/8” increments)
The blade length
can be adjusted from
40mm-120mm. (1.7 to 4.7”)
See Drive-Loc VI
Handles & Screwdrivers on
pages 17-18
76085
9 Pc. Power Blade Nut Driver Set
30mm deep drilled Nut drivers. Use with #76000
CentroFix Blade Holder. 100mm OAL
Item No. 76085
lbs. .96
Inch: 3/16, 7/32, 1/4, 9/32, 5/16, 11/32, 3/8,
7/16, 1/2”
76086
12 Pc. Power Blade Nut Driver Set
30mm deep drilled Nut drivers. Use with #76000
CentroFix Blade Holder. 100mm OAL
Item No. 76086
lbs. 1.22
Metric: 4.0, 4.5, 5.0, 5.5, 6.0, 7.0, 8.0, 9.0,
10.0, 11.0, 12.0, 13.0mm
76084
12 Pc. Power Blade Inch & Metric
Nut Driver Set 30mm deep drilled Nut drivers.
Use with #76000 CentroFix Blade Holder.
100mm OAL
Item No. 76084
lbs. 2.97
Inch: 3/16, 7/32, 1/4, 9/32, 5/16, 11/32,
3/8, 7/16, 1/2”
Metric: 4.0, 4.5, 5.0, 5.5, 6.0, 7.0, 8.0,
9.0, 10.0, 11.0, 12.0, 13.0mm
Cushion Grip CentroFix Blade Holder
Inch
Metric
Wiha Power Blade
Nut Drivers - 100mm
76000 CentroFix Cushion Grip Blade Holder
Wiha-SoftFinish® impact resistant, with roll off
protection. Ergonomic cushion grip handle.
Quick release bit holder with magnet.
Item
No.
mm mm Inch mm Inch lbs.
76000
6.0 149 5.9 34.6 1.36 .26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com