Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30239 Datasheet(PDF) 34 Page - Wiha Tools

Part # 30239
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30239 Datasheet(HTML) 34 Page - Wiha Tools

Back Button 30239 Datasheet HTML 30Page - Wiha Tools 30239 Datasheet HTML 31Page - Wiha Tools 30239 Datasheet HTML 32Page - Wiha Tools 30239 Datasheet HTML 33Page - Wiha Tools 30239 Datasheet HTML 34Page - Wiha Tools 30239 Datasheet HTML 35Page - Wiha Tools 30239 Datasheet HTML 36Page - Wiha Tools 30239 Datasheet HTML 37Page - Wiha Tools 30239 Datasheet HTML 38Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
34
Toll Free: (800) 494-6104
8 Pc.
Precision Blade Set
Wiha ESD Safe
precision collet lock handle
and 7 interchangeable blades.
26987
Set includes the following blades:
standard blades: T3, T4, T5
reversible blades:
T6, T7, T8, T9, T10, T15, T20
lbs. .62
26987
D
Precision Interchangeable
Blade Sets In Metal Box
SYSTEM 4 Nut Driver Metric,
Interchangeable Blade High alloy CVM steel,
hardened, corrosion protected. On 4mm Hex
Shaft. 120mm/4.7” OAL
Item
No.
mm mm Inch Inch lbs.
26940
1.5 + 1.8
.12
.12
.03
26941
2.0 + 2.5
.16
.16
.03
26938
1.5 -
.11
.11
.04
26939
1.8 -
.12
.12
.04
26949
2.0 -
.13
.13
.06
26950
2.5 -
.16
.16
.06
26942
3.0 -
.20
.20
.06
26943
3.2 -
.20
.20
.06
26944
3.5 -
.22
.24
.06
26945
4.0 -
.22
.24
.06
26946
4.5 -
.25
.28
.06
26947
5.0 -
.27
.28
.06
26948
5.5 -
.30
.32
.06
269
SYSTEM 4 Nut Driver Inch,
Interchangeable Blade High alloyCVM steel,
hardened, corrosion protected. On 4mm Hex
shaft. 120mm/4.7” OAL
Item
No.
Inch
Inch Inch lbs.
26962
3/32
.16
.16
.04
26963
7/64
.20
.20
.04
26964
1/8
.20
.20
.04
26965
9/64
.21
.24
.04
26966
5/32
.22
.24
.04
26968
7/32
.30
.32
.04
26969
1/4
1.34 .36
.04
269
Rotating Cap
for precise
turning and
control
Collet Lock Handle
adjustable blade
length from
15 to 95mm/
.6” to 3.75”
15mm
95mm
Precision
Handle
high quality
plastic, cadmium
free. ESD Safe or
Standard styles
Blades
CVM steel,
hardened, hard
chromed
Tips
Exact fit,
precision machined
Tapered
Handle
allows rapid
rotation, requires
less clearance
12 Piece Precision ESD Safe
Drive-Loc IV Set In storage pouch
Item No.
26985
ESD Safe Drive-Loc Handle
Slotted: 1.5x3.0, 2.0x3.5, 2.5x4.0
lbs. .44
Phillips: 000x00, 0x1
: T1xT2, T3xT4, T5xT6,
T6xT8, T7xT9, T10xT15
26985
Wiha Drive-Loc IV Precision Locking Tools
12 Piece Precision ESD Safe
Drive-Loc IV and Tweezers Set
Item No.
26970
ESD Safe Drive-Loc Handle
Slotted: 2.0x3.5, 2.5x4.0
lbs. .59
Phillips: 000x00, 0x1
: T6xT8, T7xT9, T10xT15
44501 Fine Point - AA SA
44509 Extra Fine Point - 5 SA
44505 Flat and Blunt - 2a SA
44510 Curved Fine Point - 7a SA
26970
9 Piece Precision ESD Safe
Drive-Loc IV Interchangeable Blade Set
Item No.
26994
ESD Safe Drive-Loc Handle
Slotted: 1.5x3.0, 2.0x3.5, 2.5x4.0
lbs. .47
Phillips: 000x00, 0x1
: T6xT8, T7xT9, T10xT15
26994
9 Piece Precision Drive-Loc IV
Interchangeable Blade Set
Item No.
26984
SoftFinish® Drive-Loc Handle
Slotted: 1.5x3.0, 2.0x3.5, 2.5x4.0
lbs. .47
Phillips: 000x00, 0x1
: T6xT8, T7xT9, T10xT15
26984



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com