Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30239 Datasheet(PDF) 40 Page - Wiha Tools

Part # 30239
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30239 Datasheet(HTML) 40 Page - Wiha Tools

Back Button 30239 Datasheet HTML 36Page - Wiha Tools 30239 Datasheet HTML 37Page - Wiha Tools 30239 Datasheet HTML 38Page - Wiha Tools 30239 Datasheet HTML 39Page - Wiha Tools 30239 Datasheet HTML 40Page - Wiha Tools 30239 Datasheet HTML 41Page - Wiha Tools 30239 Datasheet HTML 42Page - Wiha Tools 30239 Datasheet HTML 43Page - Wiha Tools 30239 Datasheet HTML 44Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
40
Toll Free: (800) 494-6104
8 Pc. Precision Nut Driver Set -
Metric Blade CVM steel. Hard chrome finish.
Item No. Metric Nut Drivers:
26590
2.5, 3.0, 3.5, 4.0, 4.5,
lbs. .48
5.0, 5.5, 6.0mm x 60mm
Metric Nut Driver With Precision Handle Metric sizes.
Blade Chrome-Vanadium-Molybdenum steel. Hard chrome finished.
Item
No.
mm
mm
Inch
mm
Inch
mm
mm
lbs.
pkg.
26510
1.5
60
2.4
140
5.5
2.5
3.0
.03
10
26515
1.8
60
2.4
140
5.5
2.9
3.5
.03
10
26520
2.0
60
2.4
140
5.5
3.2
4.0
.04
10
26525
2.5
60
2.4
155
6.1
4.0
4.0
.04
10
26530
3.0
60
2.4
155
6.1
5.0
5.0
.05
10
26532
3.2
60
2.4
155
6.1
5.0
5.0
.05
10
26535
3.5
60
2.4
155
6.1
5.3
6.0
.05
10
26540
4.0
60
2.4
155
6.1
5.5
6.0
.05
10
26545
4.5
60
2.4
155
6.1
6.2
7.0
.05
10
26550
5.0
60
2.4
155
6.1
6.8
7.0
.05
10
26555
5.5
60
2.4
170
6.7
7.6
8.0
.06
10
26560
6.0
60
2.4
170
6.7
8.2
9.0
.06
10
26570
7.0
60
2.4
170
6.7
9.6
10.0
.06
10
*Metric dimensions actual - Inch dimensions approximate
Inch Nut Driver With Precision Handle Inch sizes.
Blade Chrome-Vanadium-Molybdenum steel. Hard chrome finished.
Item
No.
Inch
mm
Inch
mm
Inch
Inch
Inch
lbs.
pkg.
26523
3/32
60
2.4
155
6.1
.16
.16
.04
10
26527
7/64
60
2.4
155
6.1
.20
.20
.05
10
26531
1/8
60
2.4
155
6.1
.20
.20
.05
10
26536
9/64
60
2.4
155
6.1
.21
.24
.05
10
26539
5/32
60
2.4
155
6.1
.22
.24
.05
10
26547
3/16
60
2.4
155
6.1
.25
.28
.05
10
26556
7/32
60
2.4
170
6.7
.30
.32
.06
10
26563
1/4
60
2.4
170
6.7
.34
.36
.06
10
*Metric dimensions actual - Inch dimensions approximate
8 Pc. Precision Nut Driver Set - Inch
Blade CVM steel. Hard chrome finished.
Item No.
26591
Inch Nut Drivers:
lbs. 47
3/32, 7/64, 1/8, 9/64, 5/32,
3/16, 7/32, 1/4” x 2.4”
26591
26590
265 Inch
265 Metric
Wiha Nut Driver Precision Series
Set 7 Pcs. Nut Driver Metric
Item No. 1.5, 1.8, 2.0, 2.5,
26592
3.0, 3.5, 4.0mm
26592
8 Pc. Precision Nut Driver Set - Inch
Blade CVM steel. Hard chrome finished.
Item
Inch Nut Drivers:
No.
3/32, 7/64, 1/8,
lbs. .72
26599
9/64, 5/32, 3/16,
7/32, 1/4” x 2.4”
26599
8 Pc. Precision Nut Driver Set - Metric
Blade CVM steel. Hard chrome finished.
Item
Metric Nut Drivers:
No.
2.5, 3.0, 3.5, 4.0, 4.5, 5.0,
lbs. .70
26598
5.5, 6.0mm x 60mm
26598
In canvas
storage
pouch
In canvas
storage
pouch
Wiha Power Blade Nut Drivers - 100mm
760 Power Blade Inch Nut Drivers
High alloy CVM steel, hardened, hard chromed.
Item
No.
mm mm Inch lbs.
76059
3/16 100 3.9
.12
76060
7/32 100 3.9
.14
76061
1/4
100 3.9
.14
76062
9/32 100 3.9
.14
76063
5/16 100 3.9
.14
76064
11/32 100 3.9
.15
76065
3/8
100 3.9
.15
76066
7/16 100 3.9
.15
76067
1/2
100 3.9
.18
760 Power Blade Metric Nut Drivers
High alloy CVM steel, hardened, hard chromed.
Item
No.
mm mm Inch lbs.
76068
4.0
100 3.9
.12
76069
4.5
100 3.9
.12
76070
5.0
100 3.9
.12
76071
5.5
100 3.9
.14
76072
6.0
100 3.9
.14
76073
7.0
100 3.9
.14
76074
8.0
100 3.9
.14
76075
9.0
100 3.9
.14
76076
10.0 100 3.9
.14
76077
11.0 100 3.9
.15
76078
12.0 100 3.9
.18
76080
13.0 100 3.9
.19
Wiha Nut Driver Sets
Precision Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com