Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33471 Datasheet(PDF) 2 Page - Wiha Tools

Part # 33471
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33471 Datasheet(HTML) 2 Page - Wiha Tools

  33471 Datasheet HTML 1Page - Wiha Tools 33471 Datasheet HTML 2Page - Wiha Tools 33471 Datasheet HTML 3Page - Wiha Tools 33471 Datasheet HTML 4Page - Wiha Tools 33471 Datasheet HTML 5Page - Wiha Tools 33471 Datasheet HTML 6Page - Wiha Tools 33471 Datasheet HTML 7Page - Wiha Tools 33471 Datasheet HTML 8Page - Wiha Tools 33471 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Wiha Hex Tools Index
Wiha Ball End Hex Tools Index
MagicRing Screw Holding Hex Tools Index
2
DESCRIPTION
Page
T-handles
13
PocketStar Fold Outs
17
L-keys - Long/Short
18-20
Insulated T-handle
21
Insulated Hex Drivers
21
Insulated L-keys
22
Insulated Sockets
22
Drive-Loc VI Blades
23
ESD Safe Precision
26
Precision
28
PicoFinish
27
SYSTEM 4 Blades
29
SYSTEM 4 Micro Bits
31
Insert/Power Bit Sets
32
XSelectors
34
Bit Insert & Power Bits
35-37
Sockets
38-40
Nickel & Black Finish
DESCRIPTION
Page
Ball End L-keys & Sets
6
Colored Coded L-keys
5
Ball End L-keys & Sets
7-9
Stainless Steel L-keys & Set 7
Soft Grip T-handles
11-12
3K Series Screwdrivers
16
Drive-Loc VI Blades
23
Precision
29
PicoFinish Soft Grip
27
SYSTEM 4 Blades
29
Stubby Bit Holder Sets
32
Ball End Hex Insert Bit
36
Ball End Hex Socket
39
Long, Mid-Length & Short Black Finish
Chrome Finish
Chrome & Black Finish
DESCRIPTION
Page
L-keys Screw Holding
4
T-handles Screw Holding
10
SoftFinish Screw Holding
14-15
PocketStars Screw Holding
17
Insert Bits Screw Holding
33
Power Bits Screw Holding
Bit-Selectors Screw Holding 33,34
Insert & Power Bits
Cushion Grip
DESCRIPTION
Page
SYSTEM 4 Micro Bits
31
Insert Bits
35
Sockets
39-40
Wiha Security Hex Index
Chrome Finish
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com