Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33471 Datasheet(PDF) 31 Page - Wiha Tools

Part # 33471
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33471 Datasheet(HTML) 31 Page - Wiha Tools

Back Button 33471 Datasheet HTML 27Page - Wiha Tools 33471 Datasheet HTML 28Page - Wiha Tools 33471 Datasheet HTML 29Page - Wiha Tools 33471 Datasheet HTML 30Page - Wiha Tools 33471 Datasheet HTML 31Page - Wiha Tools 33471 Datasheet HTML 32Page - Wiha Tools 33471 Datasheet HTML 33Page - Wiha Tools 33471 Datasheet HTML 34Page - Wiha Tools 33471 Datasheet HTML 35Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
31
D
SYSTEM 4 ESD Safe
Dissipative
Precision Bit Handle with rotating control
cap. Tapered, high quality plastic, impact
resistant. Advantages:
• For working in ESD sensitive applications
Surface resistant 106-109 Ohms
• Ball retainer holds bits securely in place
• Accepts all SYSTEM 4 Series bits
Item
No.
mm
Inch
mm
Inch lbs.
75801
4.0
.1574 14.0 .55
.06
SYSTEM 4 Standard Precision Bit
Handle with rotating control cap. Tapered,
high quality plastic, impact resistant, ball
retainer. Accepts all SYSTEM 4 Series bits.
Item
No.
mm
Inch
mm
Inch lbs.
75800
4.0 .1574 14.0 .55
.06
75800
75801
SYSTEM 4 Hex Metric Bits High alloy
CVM steel, hardened, on 4 mm hex stock.
Item
No.
mm mm
Inch
lbs.
75307
.71
28
1.1
.01
75309
.89
28
1.1
.01
75313
1.27 28
1.1
.01
75315
1.5
28
1.1
.01
75320
2.0
28
1.1
.01
75325
2.5
28
1.1
.01
75330
3.0
28
1.1
.01
75340
4.0
28
1.1
.01
753
SYSTEM 4 Hex Inch Bits High alloy
CVM steel, hardened, on 4 mm hex stock.
Item
No.
Inch
mm
Inch
lbs.
75307
.028
28
1.1
.01
75309
.035
28
1.1
.01
75313
.050
28
1.1
.01
75350
1/16
28
1.1
.01
75352
5/64
28
1.1
.01
75354
3/32
28
1.1
.01
75356
7/64
28
1.1
.01
75358
1/8
28
1.1
.01
75360
9/64
28
1.1
.01
75340
5/32
28
1.1
.01
753
Use bits directly in handle or with 4” bit extension
Bits CVM steel,
hardened
SYSTEM 4
Handles &
Micro Bits
Extension Blade For SYSTEM 4
Micro Bits Shaft CVM steel, hardened,
corrosion protected. Ball retainer bit extension
for 4 mm bits.
Item
No.
Size
mm
mm
lbs.
75900
4.0
100
4.0
.07
75900
Magnetic Bit Extension Blade For
SYSTEM 4 Micro Bits Shaft CVM steel,
hardened. Magnetic bit holder.
Item
No.
Size
mm
mm
lbs.
75901
4.0
100
4.0
.04
75901
Tapered Handle
allows rapid rotation,
requires less clearance
Rotating Cap
for precise
turning and
control
Tips
exact fit,
precision
machined
SYSTEM 4 Metric Security Hex Bits
High alloy CVM steel, hardened, on 4 mm
hex stock.
Item
No.
mm
mm
Inch
lbs.
75322
2.0
28
1.1
.01
75327
2.5
28
1.1
.01
75332
3.0
28
1.1
.01
75342
4.0
28
1.1
.01
753
SYSTEM 4 Security Hex Inch Bits
High alloy CVM steel, hardened, on 4 mm
hex stock.
Item
No.
Inch
mm
Inch
lbs.
75362
5/64
28
1.1
.01
75364
3/32
28
1.1
.01
75366
7/64
28
1.1
.01
75368
1/8
28
1.1
.01
75370
9/64
28
1.1
.01
75372
5/32
28
1.1
.01
753
18 Piece SYSTEM 4 Hex Inch &
Metric Precision Interchangeable Bit Set,
In Compact Fold Out Box
Wiha precision handle, bit extension &
16 Wiha interchangeable bits.
Item No. Combination Bit Set
75395
Set with Standard Precision Handle
Set includes the following bits:
Hex Metric: .71, .89, 1.27, 1.5, 2.0,
2.5, 3.0, 4.0mm
Hex Inch: .050, 1/16, 5/64, 3/32,
7/64, 1/8, 9/64, 5/32”
100mm Bit Extension
lbs. .58
75395
18 Pc.
Set
Wiha SYSTEM 4 Micro Bits &
Compact Bit Sets
D
16 Piece Precision Micro Bit Hex
Inch & Metric Sets
ESD Safe precision handle, Bit Extension and
14 CVM steel Micro Bits.
Set includes the following Micro Bits:
Inch: 0.89/0.35”, 1.27/.050”, 1/16,
5/64, 3/32, 7/64, 1/8, 9/64, 5/32”
Metric: 1.5, 2.0, 2.5, 3.0, 4.0mm
lbs. .14
75096
110mm/4.3” OAL
110mm/4.3” OAL
Micro Bit Handle Storage Hex Inch
Bit Set, 7 Pcs. Wiha precision storage handle
& 6 interchangeable bits.
Item No.
Precision Storage Handle Set
75983
Hex Inch: .050, 1/16, 5/64,
3/32, 7/64, 1/8”
lbs. .08
75983
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com