Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33471 Datasheet(PDF) 30 Page - Wiha Tools

Part # 33471
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33471 Datasheet(HTML) 30 Page - Wiha Tools

Back Button 33471 Datasheet HTML 26Page - Wiha Tools 33471 Datasheet HTML 27Page - Wiha Tools 33471 Datasheet HTML 28Page - Wiha Tools 33471 Datasheet HTML 29Page - Wiha Tools 33471 Datasheet HTML 30Page - Wiha Tools 33471 Datasheet HTML 31Page - Wiha Tools 33471 Datasheet HTML 32Page - Wiha Tools 33471 Datasheet HTML 33Page - Wiha Tools 33471 Datasheet HTML 34Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
D
30
ESD Safe Dissipative Precision
Adjustable Handle with rotating control cap.
Advantages:
• Use in ESD sensitive applications.
Surface resistant 106-109 Ohms.
• Collet lock allows for quick & easy adjustment.
• Holds blade securely in place. Accepts all
SYSTEM 4 blades. 110mm/4.3” OAL
Item
No.
mm Inch
mm
Inch
lbs.
28001
4.0
.1574 14.0
.55
.04
Rotating Cap
for precise
turning and
control
Tapered Handle
allows rapid
rotation,
requires less
clearance
Tips
exact fit,
precision
machined
Collet Lock Handle
adjustable blade
length from
15 to 95mm/
.6” to 3.75”
SYSTEM 4 Standard Precision
Adjustable handle with rotating control cap.
• Allows adjustable blade from 15 to 95mm.
• Collet lock allows for quick & easy adjustment.
• Holds blade securely in place. Accepts all
SYSTEM 4 blades. 110mm/4.3” OAL
Item
No.
mm Inch
mm Inch
lbs.
26901
4.0 .1574 14.0 .55
.06
15mm
95mm
26901
ESD Safe Dissipative Precision
Handle with rotating control cap. Surface
resistant 106-109 Ohms. 4 mm hex retainer
for all SYSTEM 4 interchangeable blades.
Tapered handle, high quality plastic, impact
resistant. Ball retainer hold. 110mm/4.3” OAL
Item
No.
mm Inch
mm
Inch
lbs.
28000
4.0
.1574 14.0
.55
.04
28001
28000
SYS 4 Standard Precision Handle,
with rotating control cap. Accepts all
SYSTEM 4 interchangeable blades. Wiha
Precision handle, tapered, impact resistant.
Ball retainer hold. 110mm/4.3” OAL
Item
No.
mm
Inch
mm
Inch lbs.
26900
4.0
.1574 14.0 .55
.04
Precision
Handle
high quality
plastic,
cadmium
free. ESD
Safe or
Standard
styles
Blades
CVM steel, hardened, hard chromed
26900
SYSTEM 4 Metric Ball End
& Standard Hex, Reversible Blade
Wiha vapor Chrome-Top finish on tips.
One side hex, other side ball end hex.
Item
No.
mm
mm
mm Inch
lbs.
26932
1.27+ 1.27 120 4.7
.05
26933
1.5 + 1.5
120 4.7
.05
26934
2.0 + 2.0
120 4.7
.06
26935
2.5 + 2.5
120 4.7
.06
26936
3.0 + 3.0
120 4.7
.06
26937
4.0 + 4.0
120 4.7
.06
269
SYSTEM 4 Metric Ball End Hex
Interchangeable Blade Ball end works at 30°
angle entry for easy access to fasteners.
Item
No.
mm mm
Inch lbs.
pkg.
28033
1.5
120
4.7
.06
1
28034
2.0
120
4.7
.06
1
28035
2.5
120
4.7
.06
1
28036
3.0
120
4.7
.06
1
28037
4.0
120
4.7
.06
1
280
SYSTEM 4 Inch Ball End Hex
Interchangeable Blade Ball end works at 30°
angle entry for easy access to fasteners.
Item
No.
Inch
mm
Inch lbs.
28021
.050
120
4.7
.06
28023
1/16
120
4.7
.06
28024
5/64
120
4.7
.06
28025
3/32
120
4.7
.06
28026
7/64
120
4.7
.06
28027
1/8
120
4.7
.06
28028
9/64
120
4.7
.06
28029
5/32
120
4.7
.06
280
For angle
entry
For angle
entry
SYSTEM 4 Metric Hex,
Interchangeable Blade High alloy CVM steel,
hardened, corrosion protected.
Item
No.
mm
mm
Inch lbs.
26913
.71
120
4.7
.06
26914
.89
120
4.7
.06
26915
1.27 120
4.7
.06
26916
1.5
120
4.7
.06
26917
2.0
120
4.7
.06
26918
2.5
120
4.7
.06
26919
3.0
120
4.7
.06
26920
4.0
120
4.7
.06
269
SYSTEM 4 Inch Hex,
Interchangeable Blade High alloy CVM steel,
hardened, corrosion protected.
Item
No.
Inch
mm
Inch
lbs.
26921
.050
120
4.7
.06
26923
1/16
120
4.7
.06
26924
5/64
120
4.7
.06
26925
3/32
120
4.7
.06
26926
7/64
120
4.7
.06
26927
1/8
120
4.7
.06
26928
9/64
120
4.7
.06
26929
5/32
120
4.7
.06
269
9 Pc. Hex Metric Precision Blade Set
Set includes the following blades:
Hex Metric: .71, .89, 1.27, 1.5,
2.0, 2.5, 3.0, 4.0mm
lbs. .66
26999
9 Pc. Hex Inch Precision Blade Set
Set includes the following blades:
Hex Inch: .050, 1/16, 5/64, 3/32,
7/64, 1/8, 9/64, 5/32”
lbs. .64
26989
D
D
Wiha ESD Safe
Precision Collet
Lock handle
and 8 Wiha
interchangeable
blades
Wiha ESD Safe
Precision Collet
Lock handle
and 8 Wiha
interchangeable
blades
D
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com