Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33471 Datasheet(PDF) 38 Page - Wiha Tools

Part # 33471
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33471 Datasheet(HTML) 38 Page - Wiha Tools

Back Button 33471 Datasheet HTML 34Page - Wiha Tools 33471 Datasheet HTML 35Page - Wiha Tools 33471 Datasheet HTML 36Page - Wiha Tools 33471 Datasheet HTML 37Page - Wiha Tools 33471 Datasheet HTML 38Page - Wiha Tools 33471 Datasheet HTML 39Page - Wiha Tools 33471 Datasheet HTML 40Page - Wiha Tools 33471 Datasheet HTML 41Page - Wiha Tools 33471 Datasheet HTML 42Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
Hex Sockets 1/4
” Square drive socket. Replaceable bit.
1/4” bits CVM steel.
Item
No.
Inch
mm
lbs.
71371
1/16
38
.05
71370
5/64
38
.05
71372
3/32
38
.05
71374
7/64
38
.05
71376
1/8
38
.05
71378
9/64
38
.05
71380
5/32
38
.05
71382
3/16
38
.05
71384
7/32
38
.05
71386
1/4
38
.05
713
38
Long Blade Sockets & Sets
Hex Inch Sockets 1/4” Drive 6” Long Bit Socket
Item
No.
Size
Inch
lbs.
77128
3/32
6.0
.12
77130
7/64
6.0
.12
77132
1/8
6.0
.12
77134
9/64
6.0
.12
77136
5/32
6.0
.12
77138
3/16
6.0
.12
77139
7/32
6.0
.12
77141
1/4
6.0
.12
771
771
Hex Metric Sockets
1/4” Drive 6” Long Bit Socket
Item
No.
Size
Inch
lbs.
77140
2.5
6.0
.13
77142
3.0
6.0
.13
77144
4.0
6.0
.13
77146
5.0
6.0
.13
77148
6.0
6.0
.13
77198
22 Piece Hex &
Long Blade Socket Set, 1/4” Drive
Inch Hex: 3/32, 7/64, 1/8, 9/64, 5/32,
3/16, 7/32, 1/4”
Metric Hex: 2.5, 3.0, 4.0, 5.0, 6.0mm
: T8, T9, T10, T15, T20, T25, T27, T30, T40
lbs. 2.82
8 Piece Hex Inch Socket Blade Set
Inch: 3/32, 7/64, 1/8, 9/64, 5/32,
3/16, 7/32, 1/4”
wt. .97
77191
5 Pc. Hex Metric Socket Blade Set
Metric: 2.5, 3.0, 4.0, 5.0, 6.0mm
lbs. .70
77192
Hex Inch Sockets 3/8” Drive 6” Long Bit Socket
Item
No.
Size
Inch
lbs.
77165
3/32
6.0
.18
77167
7/64
6.0
.18
77169
1/8
6.0
.18
77171
9/64
6.0
.18
77173
5/32
6.0
.18
77175
3/16
6.0
.18
77177
7/32
6.0
.18
77179
1/4
6.0
.18
771
Impact Bit Holding Socket With Retaining Ring
For 1/4” drive bits.
Item
No.
Bit
mm
Drive
lbs.
72001
1/4
25
1/4”
.05
72002
1/4
30
3/8”
.10
72003
1/4
35
1/2”
.21
720
3 Piece Bit Holding Socket Set
for use with 1/4” Insert bits
Drive:
lbs.
1/4”, 3/8”, 1/2”
.40
72090
Wiha Impact Bit Holding Sockets
Wiha Sockets
Wiha Bit Holders
ClicFix Bit Holder, Magnetic, For Insert Bits
Item
No.
Size
Size
mm
Inch
71490
1/4”
1/4”
60
2.4
71491
1/4”
1/4”
75
2.9
714
CentroFix Bit Holder For Power Bits
Item
No.
Size
Size
mm
Inch
71480
1/4”
1/4”
60
2.3
714
Quick Release
Quick Release
Long Blade Sockets & Sets
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com