Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33471 Datasheet(PDF) 6 Page - Wiha Tools

Part # 33471
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33471 Datasheet(HTML) 6 Page - Wiha Tools

Back Button 33471 Datasheet HTML 2Page - Wiha Tools 33471 Datasheet HTML 3Page - Wiha Tools 33471 Datasheet HTML 4Page - Wiha Tools 33471 Datasheet HTML 5Page - Wiha Tools 33471 Datasheet HTML 6Page - Wiha Tools 33471 Datasheet HTML 7Page - Wiha Tools 33471 Datasheet HTML 8Page - Wiha Tools 33471 Datasheet HTML 9Page - Wiha Tools 33471 Datasheet HTML 10Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
Metric Ball End Hex Keys Chrome Finish
Inch Ball End Hex Keys Chrome Finish
13 Piece Inch Ball End Hex Long L-key Set, In Plastic
Holder Blade Chrome-V-Moly, hardened, hard chrome finish.
Item No. Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8,
36998
9/64, 5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
lbs. 1.0
36998
Ball End Inch Hex L-key, Long Arm
Blade Chrome-V-Moly, hardened, hard chrome finish.
Item
No.
Inch
Inch
Inch
lbs.
pkg.
36940
.050
2.8
.5
.002
10
36941
1/16
3.1
.6
.004
10
36942
5/64
3.5
.7
.007
10
36943
3/32
3.9
.7
.010
10
36948
7/64
4.3
.7
.016
10
36949
1/8
4.6
.8
.021
10
36951
9/64
5.2
.9
.029
10
36954
5/32
5.7
1.0
.035
10
36957
3/16
6.2
1.1
.059
10
36958
7/32
6.7
1.2
.092
10
36960
1/4
7.3
1.2
.13
10
36961
5/16
8.0
1.4
.22
10
36963
3/8
8.8
1.6
.36
10
369
9 Piece Metric Ball End Hex Long L-key Set
Item No. Metric: 1.5, 2.0, 2.5, 3.0, 4.0,
66994
5.0, 6.0, 8.0, 10.0mm
lbs. .98
66994
Ball End Metric Hex L-key, Long Arm
Blade Chrome-V-Moly, hardened, hard chrome finish.
Item
No.
mm
mm
mm
lbs.
pkg.
66904
1.5
90
14
.004
10
66908
2.0
99
16
.007
10
66912
2.5
111
18
.012
10
66918
3.0
125
20
.019
10
66922
4.0
138
25
.042
10
66926
5.0
158
28
.072
10
66930
6.0
178
32
.12
10
66937
8.0
198
36
.23
10
66938
10.0
221
40
.40
10
669
For angle
entry
Extra Long
Hard Chromed
6 Piece Metric Ball End Hex Long L-key Set
Item No.
66995
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0mm
lbs. .21
66995
2 Pack Inch & Metric Ball End Hex L-key Sets High alloy
Chrome-V-Moly, hardened, hard chrome finish. In molded Holders
Item No
66993 2 Sets with 22 L-keys include:
lbs.
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
2.0
Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32,
3/16, 7/32, 1/4, 5/16, 3/8”
66993
Inch & Metric
For angle
entry
Extra Long
Hard Chromed
11 Piece Metric Ball End Hex Long L-key Set
Item No. Metric: 1.5, 2.0, 2.5, 3.0, 4.0,
66998
5.0, 6.0, 7.0, 8.0, 9.0, 10.0mm
lbs. 1.36
66998
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com