Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2010 Datasheet(PDF) 3 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 3 Page - Microchip Technology

  DSPIC30F2010 Datasheet HTML 1Page - Microchip Technology DSPIC30F2010 Datasheet HTML 2Page - Microchip Technology DSPIC30F2010 Datasheet HTML 3Page - Microchip Technology DSPIC30F2010 Datasheet HTML 4Page - Microchip Technology DSPIC30F2010 Datasheet HTML 5Page - Microchip Technology DSPIC30F2010 Datasheet HTML 6Page - Microchip Technology DSPIC30F2010 Datasheet HTML 7Page - Microchip Technology DSPIC30F2010 Datasheet HTML 8Page - Microchip Technology DSPIC30F2010 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 204 page
background image
© 2008 Microchip Technology Inc.
DS70118H-page 3
ds
PIC30F2010
High-Performance Modified RISC CPU:
• Modified Harvard architecture
• C compiler optimized instruction set architecture
• 83 base instructions with flexible addressing
modes
• 24-bit wide instructions, 16-bit wide data path
• 12 Kbytes on-chip Flash program space
• 512 bytes on-chip data RAM
• 1 Kbyte nonvolatile data EEPROM
• 16 x 16-bit working register array
• Up to 30 MIPs operation:
- DC to 40 MHz external clock input
- 4 MHz-10 MHz oscillator input with
PLL active (4x, 8x, 16x)
• 27 interrupt sources
• Three external interrupt sources
• Eight user-selectable priority levels for each interrupt
• Four processor exceptions and software traps
DSP Engine Features:
• Modulo and Bit-Reversed modes
• Two 40-bit wide accumulators with optional
saturation logic
• 17-bit x 17-bit single-cycle hardware fractional/
integer multiplier
• Single-cycle Multiply-Accumulate (MAC)
operation
• 40-stage Barrel Shifter
• Dual data fetch
Peripheral Features:
• High current sink/source I/O pins: 25 mA/25 mA
• Three 16-bit timers/counters; optionally pair up
16-bit timers into 32-bit timer modules
• Four 16-bit capture input functions
• Two 16-bit compare/PWM output functions
- Dual Compare mode available
• 3-wire SPI modules (supports 4 Frame modes)
•I2CTM module supports Multi-Master/Slave mode
and 7-bit/10-bit addressing
• Addressable UART modules with FIFO buffers
Motor Control PWM Module Features:
• Six PWM output channels
- Complementary or Independent Output
modes
- Edge and Center-Aligned modes
• Four duty cycle generators
• Dedicated time base with four modes
• Programmable output polarity
• Dead-time control for Complementary mode
• Manual output control
• Trigger for synchronized A/D conversions
Quadrature Encoder Interface Module
Features:
• Phase A, Phase B and Index Pulse input
• 16-bit up/down position counter
• Count direction status
• Position Measurement (x2 and x4) mode
• Programmable digital noise filters on inputs
• Alternate 16-bit Timer/Counter mode
• Interrupt on position counter rollover/underflow
Analog Features:
• 10-bit Analog-to-Digital Converter (ADC) with:
- 1 Msps (for 10-bit A/D) conversion rate
- Six input channels
- Conversion available during Sleep and Idle
• Programmable Brown-out Reset
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals,
register
descriptions
and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046). For more information on the
device instruction set and programming,
refer to the “dsPIC30F/33F Programmer’s
Reference Manual” (DS70157).
High-Performance, 16-Bit Digital Signal Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com